Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6640100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HM6640100
Description  Miniature Low Profile, Shielded Surface Mount Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM6640100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HM6640100 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM6640100 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM6640100 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM6640100 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM6640100 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM6640100 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM6640100 Datasheet HTML 7Page - List of Unclassifed Manufacturers HM6640100 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6
6-121
Model HM66 Series
Inductance
DC
Rated
Part
Nominal
Resistance
Current
Number
µH ±20%
Ω Max.
Amps
Figure
HM66-308R2
8.2
0.1175
1.04
2
HM66-30100
10
0.1283
1.00
2
HM66-30120
12
0.1316
0.84
2
HM66-30150
15
0.1490
0.76
2
HM66-30180
18
0.1660
0.72
2
HM66-30220
22
0.2350
0.70
2
HM66-30270
27
0.2610
0.58
2
HM66-30330
33
0.378
0.56
2
HM66-30390
39
0.3837
0.50
2
HM66-30470
47
0.5870
0.48
2
HM66-30560
56
0.6245
0.41
2
HM66-30680
68
0.6990
0.35
2
HM66-30820
82
0.9148
0.32
2
HM66-30101
100
1.020
0.29
2
HM66-30121
120
1.270
0.27
2
HM66-30151
150
1.350
0.24
2
HM66-30181
180
1.540
0.22
2
HM66-404R1
4.1
0.057
1.95
2
HM66-405R4
5.4
0.076
1.60
2
HM66-406R2
6.2
0.096
1.40
2
HM66-408R9
8.9
0.116
1.25
2
HM66-40100
10
0.124
1.20
2
HM66-40120
12
0.153
1.10
2
HM66-40150
15
0.196
0.97
2
HM66-40180
18
0.210
0.85
2
HM66-40220
22
0.290
0.80
2
HM66-40270
27
0.330
0.75
2
HM66-40330
33
0.386
0.65
2
HM66-40390
39
0.520
0.57
2
HM66-40470
47
0.595
0.54
2
HM66-40560
56
0.665
0.50
2
HM66-40680
68
0.840
0.43
2
HM66-40820
82
0.978
0.41
2
HM66-40101
100
1.200
0.36
2
HM66-502R5
2.5
0.018
2.60
2
HM66-503R0
3.0
0.024
2.40
2
HM66-504R2
4.2
0.031
2.20
2
HM66-505R3
5.3
0.038
1.90
2
HM66-506R2
6.2
0.045
1.80
2
HM66-508R2
8.2
0.053
1.60
2
HM66-50100
10
0.065
1.30
2
HM66-50120
12
0.076
1.20
2
HM66-50150
15
0.103
1.10
2
HM66-50180
18
0.110
1.00
2
SPECIFICATIONS


Similar Part No. - HM6640100

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM6640100LFTR3 BITECH-HM6640100LFTR3 Datasheet
943Kb / 3P
   Miniature Low Profile, Shielded
More results

Similar Description - HM6640100

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
HM70 BITECH-HM70 Datasheet
721Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com