Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6670100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM6670100
Description  Miniature Low Profile, Shielded Surface Mount Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM6670100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM6670100 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM6670100 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM6670100 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM6670100 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM6670100 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM6670100 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM6670100 Datasheet HTML 7Page - List of Unclassifed Manufacturers HM6670100 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6
6-119
Model HM66 Series
MODEL HM66 SERIES
Miniature
Low Profile, Shielded
Surface Mount Inductors
NEW PRODUCT
FEATURES AND BENEFITS
• Very low profile, 1.8 mm to 4.0 mm
• Magnetic shielded construction for high density board assembly
• 1 µH to 330 µH inductance range
• Up to 10 amps continuous
• Designed for machine placement
• Compatible with vapor phase and infrared reflow soldering
ELECTRICAL / ENVIRONMENTAL
Operating Temperature Range
-25°C to +125°C
Storage Temperature Range
-40°C to +85°C
Ambient Temperature, Maximum
80°C
Insulation System
Class B, 130°C
Temperature Rise, Maximum
40°C
APPLICATIONS
• Wireless and PDAs
• PCMCIA cards and disk drives
• Inductor for space limited design
Specifications subject to change without notice.
Last Update: 03/05/2003.


Similar Part No. - HM6670100

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM6670100LFTR3 BITECH-HM6670100LFTR3 Datasheet
943Kb / 3P
   Miniature Low Profile, Shielded
More results

Similar Description - HM6670100

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
HM70 BITECH-HM70 Datasheet
721Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com