Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S32200B-6TL Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS42S32200B-6TL
Description  512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32200B-6TL Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS42S32200B-6TL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32200B-6TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32200B-6TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32200B-6TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32200B-6TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32200B-6TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32200B-6TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32200B-6TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32200B-6TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
IS42S32200B
ISSI®
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. 00C
09/29/03
FUNCTION (In Detail)
A0-A10 are address inputs sampled during the ACTIVE
(row-address A0-A10) and READ/WRITE command (A0-A7
with A10 defining auto PRECHARGE). A10 is sampled during
a PRECHARGE command to determine if all banks are to
be PRECHARGED (A10 HIGH) or bank selected by BA0,
BA1 (LOW). The address inputs also provide the op-code
during a LOAD MODE REGISTER command.
Bank Select Address (BA0 and BA1) defines which bank the
ACTIVE, READ, WRITE or PRECHARGE command is
being applied.
CAS, in conjunction with the RAS and WE, forms the
device command. See the “Command Truth Table” for
details on device commands.
The CKE input determines whether the CLK input is
enabled. The next rising edge of the CLK signal will be
valid when is CKE HIGH and invalid when LOW. When
CKE is LOW, the device will be in either power-down
mode, CLOCK SUSPEND mode, or SELF-REFRESH
mode. CKE is an asynchronous input.
CLK is the master clock input for this device. Except for
CKE, all inputs to this device are acquired in synchroni-
zation with the rising edge of this pin.
The CS input determines whether command input is
enabled within the device. Command input is enabled
when CS is LOW, and disabled with CS is HIGH. The
device remains in the previous state when CS is HIGH. DQ0
through DQ7 are controlled by DQM0. DQ8 through DQ15
are controlled by DQM1. DQ16 through DQ23 are controlled
by DQM2. DQ24 through DQ31 are controlled by DQM3. In
read mode, DQMx control the output buffer. When DQMx is
LOW, the corresponding buffer byte is enabled, and when
HIGH, disabled. The outputs go to the HIGH Impedance
State when DQMx is HIGH. This function corresponds to
OE in conventional DRAMs. In write mode, DQMx control
the input buffer. When DQMx is LOW, the corresponding
buffer byte is enabled, and data can be written to the device.
When DQMx is HIGH, input data is masked and cannot be
written to the device.
RAS, in conjunction with CAS and WE , forms the device
command. See the “Command Truth Table” item for
details on device commands.
WE , in conjunction with RAS and CAS , forms the device
command. See the “Command Truth Table” item for
details on device commands.
VDDQ is the output buffer power supply.
VDD is the device internal power supply.
GNDQ is the output buffer ground.
GND is the device internal ground.
READ
The READ command selects the bank from BA0, BA1
inputs and starts a burst read access to an active row.
Inputs A0-A7 provides the starting column location. When
A10 is HIGH, this command functions as an AUTO
PRECHARGE command. When the auto precharge is
selected, the row being accessed will be precharged at
the end of the READ burst. The row will remain open for
subsequent accesses when AUTO PRECHARGE is not
selected. DQ’s read data is subject to the logic level on
the DQM inputs two clocks earlier. When a given DQM
signal was registered HIGH, the corresponding DQ’s will
be High-Z two clocks later. DQ’s will provide valid data
when the DQM signal was registered LOW.
WRITE
A burst write access to an active row is initiated with the
WRITE command. BA0, BA1 inputs selects the bank, and
the starting column location is provided by inputs A0-A7.
Whether or not AUTO-PRECHARGE is used is deter-
mined by A10.
The row being accessed will be precharged at the end of
the WRITE burst, if AUTO PRECHARGE is selected. If
AUTO PRECHARGE is not selected, the row will remain
open for subsequent accesses.
A memory array is written with corresponding input data
on DQ’s and DQM input logic level appearing at the same
time. Data will be written to memory when DQM signal is
LOW. When DQM is HIGH, the corresponding data inputs
will be ignored, and a WRITE will not be executed to that
byte/column location.
PRECHARGE
The PRECHARGE command is used to deactivate the
open row in a particular bank or the open row in all banks.
BA0, BA1 can be used to select which bank is precharged
or they are treated as “Don’t Care”.
A10 determined
whether one or all banks are precharged. After executing
this command, the next command for the selected banks(s)
is executed after passage of the period t
RP, which is the
period required for bank precharging. Once a bank has
been precharged, it is in the idle state and must be
activated prior to any READ or WRITE commands being
issued to that bank.
AUTO PRECHARGE
The AUTO PRECHARGE function ensures that the
precharge is initiated at the earliest valid stage within a
burst. This function allows for individual-bank precharge
without requiring an explicit command. A10 to enables the
AUTO PRECHARGE function in conjunction with a spe-
cific READ or WRITE command.
For each individual
READ or WRITE command, auto precharge is either


Similar Part No. - IS42S32200B-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32200 ISSI-IS42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6T ISSI-IS42S32200-6T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6TI ISSI-IS42S32200-6TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7T ISSI-IS42S32200-7T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7TI ISSI-IS42S32200-7TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S32200B-6TL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS42S32200L ETC2-IS42S32200L Datasheet
1Mb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200E ISSI-IS42S32200E Datasheet
981Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200C1 ISSI-IS42S32200C1 Datasheet
608Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S32200C1 ISSI-IS45S32200C1 Datasheet
607Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
42S32200 ISSI-42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com