Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS75V16F128GS32 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS75V16F128GS32
Description  3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS75V16F128GS32 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS75V16F128GS32 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
PRELIMINARY INFORMATION
Rev. 00D
03/24/03
IS75V16F128GS32
ISSI®
DC CHARACTERISTICS (Continued)
Symbol Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IPD8r
PSRAM VCC Power
VCCr = VCCr max.,
80
µA
Down Current
CE1r
≥ VCCr - 0.2 V
(8M Partial)(8)
CE2r
≤ 0.2 V, VIN Cycle time = tRC min
VIL
Input Low Level
-0.3
0.5
V
VIH
Input High Level (FLASH 1 or FLASH 2 )
VCCf X 0.75 —
VCCf + 0.3
V
VIH
Input High Level (PSRAM)
VCCr X 0.75 —
VCCr + 0.3
V
VID
Voltage for Sector Protection
11.5
12.5
V
and Temp. Unprotection(
RESET)(4)
VACC
Voltage for
WP/ACC
8.5
9.0
9.5
V
Sector Protection/Unprotection
and Program Acceleration (4)
VOL
Output Low Level
VCCr = VCCr min., VCCS=VCCS min.
0.4
V
(PSRAM)
IOL = 1.0 mA
VOH
Output High Level
VCCr = VCCr min., VCCS=VCCS min.
2.2
V
(PSRAM)
IOH = -0.5 mA
VOL
Output Low Level
VCCf = VCCf min., VCCS=VCCS min.
0.45
V
(Flash)
IOL = 4.0 mA
VOH
Output High Level
VCCf = VCCf min., VCCS=VCCS min.
VCCf - 0.4
V
(Flash)
IOH = -0.1 mA
VLKO
FLASH Low Vccf
2.3
2.4
2.5
V
Lock-Out Voltage
Notes:
1. ICC current listed includes both the DC operating current and the frequency dependent component.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. Automatic sleep mode enables the low power mode when address remains stable for 150 ns.
4. Applicable for only VCCf applying.
5. Embedded Algorithm (program or erase) is in progress. (@5 MHz)
6. ISB2 r depends on VIN cycle time. Please refer to “APPENDIX A”.
7. Standby current listed is for each FLASH chip.
8. Standby and Power down currents are reduced with Vccr < 3.0 V .


Similar Part No. - IS75V16F128GS32

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS75V16F64GS16-7080DI ISSI-IS75V16F64GS16-7080DI Datasheet
239Kb / 50P
   64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
More results

Similar Description - IS75V16F128GS32

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
75V16F64GS16 ISSI-75V16F64GS16 Datasheet
239Kb / 50P
   64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
logo
SPANSION
AM49LV4608M SPANSION-AM49LV4608M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
logo
Eon Silicon Solution In...
EN71NS128B0 EON-EN71NS128B0_11 Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
logo
SPANSION
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
logo
Eon Silicon Solution In...
EN71PL032A0 EON-EN71PL032A0_1 Datasheet
424Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
logo
Cypress Semiconductor
S25FL128P CYPRESS-S25FL128P Datasheet
1Mb / 44P
   128-Mbit, 3.0 V Flash Memory
S25FL129P CYPRESS-S25FL129P Datasheet
2Mb / 66P
   128-Mbit 3.0 V Flash Memory
logo
Advanced Micro Devices
AM49DL320BG AMD-AM49DL320BG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM
logo
Eon Silicon Solution In...
EN71NS128C0 EON-EN71NS128C0 Datasheet
250Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com