Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S32200B-7TI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42S32200B-7TI
Description  512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32200B-7TI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42S32200B-7TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32200B-7TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32200B-7TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32200B-7TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32200B-7TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32200B-7TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32200B-7TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32200B-7TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32200B-7TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. 00C
09/29/03
IS42S32200B
ISSI®
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• Clock frequency: 166, 143 MHz
• Fully synchronous; all signals referenced to a
positive clock edge
• Internal bank for hiding row access/precharge
• Single 3.3V power supply
• LVTTL interface
• Programmable burst length:
(1, 2, 4, 8, full page)
• Programmable burst sequence:
Sequential/Interleave
• Self refresh modes
• 4096 refresh cycles every 64 ms
• Random column address every clock cycle
• Programmable
CAS latency (2, 3 clocks)
• Burst read/write and burst read/single write
operations capability
• Burst termination by burst stop and precharge
command
• Industrial temperature availability
• Package 400-mil 86-pin TSOP II
• Lead free package is available
OVERVIEW
ISSI's 64Mb Synchronous DRAM IS42S32200B is
organized as 524,288 bits x 32-bit x 4-bank for improved
performance. The synchronous DRAMs achieve high-
speed data transfer using pipeline architecture. All inputs
and outputs signals refer to the rising edge of the clock
input.
512K Bits x 32 Bits x 4 Banks (64-MBIT)
SYNCHRONOUS DYNAMIC RAM
PRELIMINARY INFORMATION
September 2003
PIN CONFIGURATION
(86-Pin TSOP (Type II)
VDD
DQ0
VDDQ
DQ1
DQ2
GNDQ
DQ3
DQ4
VDDQ
DQ5
DQ6
GNDQ
DQ7
NC
VDD
DQM0
WE
CAS
RAS
CS
NC
BA0
BA1
A10/AP
A0
A1
A2
DQM2
VDD
NC
DQ16
GNDQ
DQ17
DQ18
VDDQ
DQ19
DQ20
GNDQ
DQ21
DQ22
VDDQ
DQ23
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
GND
DQ15
GNDQ
DQ14
DQ13
VDDQ
DQ12
DQ11
GNDQ
DQ10
DQ9
VDDQ
DQ8
NC
GND
DQM1
NC
NC
CLK
CKE
A9
A8
A7
A6
A5
A4
A3
DQM3
GND
NC
DQ31
VDDQ
DQ30
DQ29
GNDQ
DQ28
DQ27
VDDQ
DQ26
DQ25
GNDQ
DQ24
GND
PIN DESCRIPTIONS
A0-A10
Address Input
BA0, BA1
Bank Select Address
DQ0 to DQ31
Data I/O
CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write Enable
DQM0 to DQM3 Input/Output Mask
VDD
Power
GND
Ground
VDDQ
Power Supply for DQ Pin
GNDQ
Ground for DQ Pin
NC
No Connection


Similar Part No. - IS42S32200B-7TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32200 ISSI-IS42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6T ISSI-IS42S32200-6T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-6TI ISSI-IS42S32200-6TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7T ISSI-IS42S32200-7T Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200-7TI ISSI-IS42S32200-7TI Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S32200B-7TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS42S32200L ETC2-IS42S32200L Datasheet
1Mb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200E ISSI-IS42S32200E Datasheet
981Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200C1 ISSI-IS42S32200C1 Datasheet
608Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S32200C1 ISSI-IS45S32200C1 Datasheet
607Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
42S32200 ISSI-42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com