Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL2385 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button OL2385 Datasheet HTML 49Page - NXP Semiconductors OL2385 Datasheet HTML 50Page - NXP Semiconductors OL2385 Datasheet HTML 51Page - NXP Semiconductors OL2385 Datasheet HTML 52Page - NXP Semiconductors OL2385 Datasheet HTML 53Page - NXP Semiconductors OL2385 Datasheet HTML 54Page - NXP Semiconductors OL2385 Datasheet HTML 55Page - NXP Semiconductors OL2385 Datasheet HTML 56Page - NXP Semiconductors OL2385 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
53 of 428
NXP Semiconductors
OL2385
Industrial RF transceiver
Table 14.
RX Characteristics - Wireless MBUS mode C1
Following characteristics are valid for conditions as follows (unless otherwise specified)
2FSK modulation, frequency deviation = 45kHz, NRZ, datarate = 100 kChips/s, Channel filter bandwidth = 240kHz, Frame
Error Rate (FER) = 80%, payload length = 20 byte, crystal = 55.2 MHz.
Tamb = 25 °C, VSS = 0 V, VDD = 2.5 V to 3.6 V, fC = 870MHz
VDD = VDD_IO, VDD_DIG, VDD_XO, VDD_RF, VDD_ADC, VDD_PA
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note
1
Sensitivity
-40 °C to 85 °C
-105
-100
dBm
[2]
2
Co-channel rejection
FSK jammer - same
modulation as wanted.
25dB
[5]
3
Co-channel rejection
CW jammer
2
5
dB
[5]
4
Adjacent channel rejection
Channel filter BW =
240 kHz, jammer same
modulation as wanted.
Channel separation =
575 kHz
45
50
dB
[5]
5
Adjacent channel rejection
Channel filter BW =
240 kHz, jammer modulation
CW. Channel separation =
575 kHz
50
55
dB
[5]
6
Blocking
2 MHz
55
60
dB
[5]
7
Blocking
2 MHz (LBT)
55
60
dB
[5]
8
Blocking
6 MHz
60
65
dB
[5]
9
Blocking
10 MHz
65
70
dB
[5]
10
Blocking
10 MHz (LBT)
65
70
dB
[5]
11
Blocking
20 MHz
70
75
dB
[5]
12
Current consumption
System clock to be used.
13
13.5
mA
[2]
13
Current consumption
System clock divided by 2 to
be used.
12
13
mA
[2]
14
Current consumption
System clock divided by 4 to
be used.
12
12.5
mA
[2]
Table 15.
RX Characteristics - Wireless MBUS mode C2
Following characteristics are valid for conditions as follows (unless otherwise specified)
2GFSK modulation, BT = 0.5, frequency deviation = 25kHz, NRZ, datarate = 50kChips/s, Channel filter bandwidth = 180kHz,
Frame Error Rate (FER) = 80%, payload length = 20 byte, crystal = 55.2 MHz.
Tamb = 25 °C, VSS = 0 V, VDD = 2.5 V to 3.6 V, fC = 870MHz
VDD = VDD_IO, VDD_DIG, VDD_XO, VDD_RF, VDD_ADC, VDD_PA
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note
1
Sensitivity
-40 °C to 85 °C
-108
-103
dBm
[2]
2
Co-channel rejection
GFSK jammer - same
modulation as wanted.
25dB
[5]
3
Co-channel rejection
CW jammer
2
5
dB
[5]
4
Adjacent channel rejection
Channel filter BW =
180 kHz, jammer same
modulation as wanted.
Channel separation =
575 kHz
50
55
dB
[5]


Similar Part No. - OL2385

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OL2385SWUG NXP-OL2385SWUG Datasheet
10Mb / 64P
   SIGFOX software driver
Rev. 2.1-6 April 2018
More results

Similar Description - OL2385

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
   RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
[Old version datasheet]   RF Transceiver
SN55HVD251 TI1-SN55HVD251 Datasheet
927Kb / 27P
[Old version datasheet]   INDUSTRIAL CAN TRANSCEIVER
logo
Communications & Power ...
3CX2500H3 CPI-3CX2500H3 Datasheet
88Kb / 1P
   RF Industrial oscillator
3CX2500A3 CPI-3CX2500A3 Datasheet
90Kb / 1P
   RF Industrial oscillator
3CX2500F3 CPI-3CX2500F3 Datasheet
88Kb / 1P
   RF Industrial Oscillator
3CW40-000H3 CPI-3CW40-000H3 Datasheet
88Kb / 1P
   RF Industrial oscillator
3CW45-000H3 CPI-3CW45-000H3 Datasheet
89Kb / 1P
   RF Industrial oscillator
3CW150-000H3 CPI-3CW150-000H3 Datasheet
87Kb / 1P
   RF Industrial Oscillator
3CX1000A3 CPI-3CX1000A3 Datasheet
93Kb / 1P
   RF Industrial oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com