Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C110TQFP Datasheet(PDF) 5 Page - SMSC Corporation

Part # LAN91C110TQFP
Description  FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110TQFP Datasheet(HTML) 5 Page - SMSC Corporation

  LAN91C110TQFP Datasheet HTML 1Page - SMSC Corporation LAN91C110TQFP Datasheet HTML 2Page - SMSC Corporation LAN91C110TQFP Datasheet HTML 3Page - SMSC Corporation LAN91C110TQFP Datasheet HTML 4Page - SMSC Corporation LAN91C110TQFP Datasheet HTML 5Page - SMSC Corporation LAN91C110TQFP Datasheet HTML 6Page - SMSC Corporation LAN91C110TQFP Datasheet HTML 7Page - SMSC Corporation LAN91C110TQFP Datasheet HTML 8Page - SMSC Corporation LAN91C110TQFP Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
SMSC DS – LAN91C110 REV. B
Page 5
Rev. 09/05/02
TABLE 1 - DESCRIPTION OF PIN FUNCTIONS
144 TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
115-112,
110-100
Address
A[15:1]
I
Input. Used by LAN91C110 for internal register
selection.
138
Address
Enable
AEN
I
Input. Used as an address qualifier. Address
decoding is only enabled when AEN is low.
118, 117
nBE[1:0]
I
Input. Used during LAN91C110 register accesses
to determine the width of the access and the
register(s) being accessed.
89, 91-95,
97-98, 119,
121-123,
125-128
Data Bus D[15:0]
I/O8
Bidirectional. 16-bit data bus used to access the
LAN91C110’s internal registers. Data bus has
weak internal pullups. Supports direct connection
to the system bus without external buffering.
135
Reset
RESET
IS
Input. This input is not considered active unless it
is active for at least 100ns to filter narrow glitches.
129
Asynchro-
nous
Ready
ARDY
OD16
Open drain output. ARDY may be used when
interfacing asynchronous buses to extend
accesses. Its rising (access completion) edge is
controlled by the XTAL1 clock and, therefore,
asynchronous to the host CPU or bus clock.
Note: Asserted for 100 to 150ns for the
appropriate NO WAIT bit state in the Configuration
register. See the NO WAIT bit description for
complete information.
120
Local
Device
nLDEV
O16
Output. Local Device. This active low output is
asserted when AEN is low and A4-A15 decode to
the LAN91C110 address programmed into the
high byte of the Base Address Register. nLDEV*
is a combinatorial decode of unlatched address
and AEN signals.
88
nAddress
Strobe
nADS
IS
Input. Address strobe. For systems that require
address latching. The rising edge of nADS
indicates the latching moment of A[1:15] and AEN.
All LAN91C110 internal functions of A[1:15] and
AEN are latched.
131
Interrupt
INTR0
O4
Output. The interrupt output is enabled by
selecting the appropriate routing bits (INT SEL 1-
0) in the Configuration Register.
132
nRead
Strobe
nRD
IS
Input. Used in asynchronous bus interfaces.
134
nWrite
Strobe
nWR
IS
Input. Used in asynchronous bus interfaces.
56-57, 60-
65, 46-48,
50-54, 35-
38, 40-42,
45, 25-28,
30-32, 34
RAM Data
Bus
RD[31:0]
I/O4 with
pullups
Bidirectional. Carries the local buffer memory
read and write data. Reads are always 32 bits
wide. Writes are controlled individually at the byte
level.


Similar Part No. - LAN91C110TQFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C110-PU SMSC-LAN91C110-PU Datasheet
381Kb / 56P
   FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
   FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
More results

Similar Description - LAN91C110TQFP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
   FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C100 SMSC-LAN91C100 Datasheet
347Kb / 101P
   FEAST??Fast Ethernet Controller
logo
List of Unclassifed Man...
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
   FEAST Fast Ethernet Controller
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
   PCMCIA Fast Ethernet MAC Controller
logo
SMSC Corporation
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com