Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M675-01-BD Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M675-01-BD
Description  VOLTAGE CONTROLLED SAW OSCILLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M675-01-BD Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M675-01-BD Datasheet HTML 1Page - Integrated Circuit Systems M675-01-BD Datasheet HTML 2Page - Integrated Circuit Systems M675-01-BD Datasheet HTML 3Page - Integrated Circuit Systems M675-01-BD Datasheet HTML 4Page - Integrated Circuit Systems M675-01-BD Datasheet HTML 5Page - Integrated Circuit Systems M675-01-BD Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M675 Datasheet Rev 0.4
Revised 16Nov2004
Integr a t ed Cir cui t S ystems , Inc . ● N e tw or kin g & C o mm un icat ion s ● www. icst.com ● te l (5 08 ) 85 2-5 4 0 0
M675
VOLTAGE CONTROLLED SAW OSCILLATOR
Integrated
Circuit
Systems, Inc.
Prelimina r y Inf o r m ation
GENERAL DESCRIPTION
The M675 is a VCSO (Voltage Controlled SAW
Oscillator) frequency source for low-jitter
clock generation. An integrated SAW
(surface acoustic wave) delay line
implements the high-Q VCO (voltage
controlled oscillator) function, which
results in low output phase noise and very low jitter.
The M675-01 is available in a range of center
frequencies from 125 to 175 MHz. The M675-02
provides 500 to 700 MHz. Guaranteed minimum
pull-range of
±100 ppm meets GbE requirements.
(It also fully satisfies
±50 ppm minimum pull-range
specification commonly required.) Industry-standard
Kvco (VCO Gain) provides full replacement compati-
bility. The M675 is well suited for phase-locked loop
implementations, clock and data recovery circuits, and
other timing applications in telecom and optical fiber
networking systems (e.g., SONET/SDH).
FEATURES
◆ Integrated SAW device
◆ M675-01 output frequencies from 125 to 175 MHz
M675-02 output frequencies from 500 to 700 MHz
(Specify center frequency at time of order)
◆ Industry-standard Kvco for full compatibility
◆ Low phase jitter 0.2ps rms typical for the M675-02
(50kHz to 80MHz)
◆ Differential 3.3V LVPECL output
◆ Single 3.3V power supply
◆ Small 5 x 7.5mm SMT (surface mount) package
PIN ASSIGNMENT (5 x 7.5mm SMT)
Figure 1: Pin Assignment
BLOCK DIAGRAM
Figure 2: Block Diagram
Sample of Available Output Frequencies
VCSO Center Frequencies1 (MHz)
Note 1: Specify VCSO center frequencies at time of order
Applications
M675-01
M675-02
155.5200
622.0800
SONET/SDH
156.2500
625.0000
Gigabit Ethernet
161.1328
644.5313
Gigabit Ethernet FEC
167.3316
669.3266
SONET/SDH FEC
Table 1: Sample of Available Output Frequencies
M675
( T op View)
M675
CLK_EN
VIN
FOUT
nFOUT
SAW Delay Line
Phase
Shifter
M670
M675
M675 Voltage Controlled SAW Oscillator


Similar Part No. - M675-01-BD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675-01-BD IDT-M675-01-BD Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
More results

Similar Description - M675-01-BD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com