Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2056ETX-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2056ETX-T
Description  800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2056ETX-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2056ETX-T Datasheet HTML 4Page - Maxim Integrated Products MAX2056ETX-T Datasheet HTML 5Page - Maxim Integrated Products MAX2056ETX-T Datasheet HTML 6Page - Maxim Integrated Products MAX2056ETX-T Datasheet HTML 7Page - Maxim Integrated Products MAX2056ETX-T Datasheet HTML 8Page - Maxim Integrated Products MAX2056ETX-T Datasheet HTML 9Page - Maxim Integrated Products MAX2056ETX-T Datasheet HTML 10Page - Maxim Integrated Products MAX2056ETX-T Datasheet HTML 11Page - Maxim Integrated Products MAX2056ETX-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Detailed Description
The MAX2056 general-purpose, high-performance VGA
with analog gain control is designed to interface with
50
Ω systems operating in the 800MHz to 1000MHz fre-
quency range.
The MAX2056 integrates two attenuators to provide
22dB or 44dB of precision analog gain control, as well
as a two-stage amplifier that has been optimized to
provide high gain, high IP3, low noise figure, and low-
power consumption. The bias current of each amplifier
stage can be adjusted by individual external resistors
to further reduce power consumption for applications
that do not require high linearity.
800MHz to 1000MHz Variable-Gain
Amplifier with Analog Gain Control
10
______________________________________________________________________________________
MAX2056
27
EP
26
25
24
23
32
31
30
29
28
GND
VGC
GND
GND
GND
OUT
GND
GND
GND
GND
GND
GND
GND
OUT_A
GND
IN_A
C4
C7
C6
C10
C13
C5
RF
OUTPUT
R1
R2
C2
C1
C15
C9
C3
VCC
VCC
VCC
C14
C8
VCC
RF INPUT*
*NOTE: CONNECT THE INPUT ACCORDING TO THE SOLID BOLD LINE IF ONE ATTENUATOR
IS USED. CONNECT THE INPUT ACCORDING TO THE BROKEN LINE IF TWO ATTENUATORS ARE USED.
VCC
VCC
AMP_IN
36
35
34
33
14
15
16
17
18
10
11
12
13
22
20
21
19
5
4
3
2
9
8
7
6
1
+
-
ATTENUATION
CONTROL
CIRCUITRY
VCC
Figure 1. Typical Application Circuit


Similar Part No. - MAX2056ETX-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2056EVKIT MAXIM-MAX2056EVKIT Datasheet
258Kb / 6P
   Evaluation Kit
Rev 0; 2/05
More results

Similar Description - MAX2056ETX-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control 400 - 2700 MHz
logo
RF Micro Devices
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA3007L RFMD-RVA3007L Datasheet
973Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com