Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3740A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3740A
Description  3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3740A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3740A Datasheet HTML 6Page - Maxim Integrated Products MAX3740A Datasheet HTML 7Page - Maxim Integrated Products MAX3740A Datasheet HTML 8Page - Maxim Integrated Products MAX3740A Datasheet HTML 9Page - Maxim Integrated Products MAX3740A Datasheet HTML 10Page - Maxim Integrated Products MAX3740A Datasheet HTML 11Page - Maxim Integrated Products MAX3740A Datasheet HTML 12Page - Maxim Integrated Products MAX3740A Datasheet HTML 13Page - Maxim Integrated Products MAX3740A Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
3.2Gbps SFP VCSEL Driver with Diagnostic
Monitors
______________________________________________________________________________________
11
S
R
Q
R-S LATCH
HIGH-POWER FAULT
HIGH-CURRENT FAULT
VBIAS FAULT
BIAS
BIASMON
PWRMON
POR
TX_DISABLE
TX_DISABLE
0.8V
0.8V
VCC - 0.2V
FAULT
ENABLE
SAFETY CIRCUIT
FAULT
OUTPUT
MAX3740A
Figure 2. Safety Circuit
VCC
ROUT+
100Ω
CURRENT AMPLIFIER 30x
ENABLE
IN+
IN-
OUT+
OUT-
TC1
MODSET
RTC
RMODSET
MODULATION
CURRENT GENERATOR
INPUT BUFFER
CURRENT SWITCH
TEMPERATURE
COMPENSATION
TC2
SIGNAL
DETECT
SQUELCH
PEAKING
CONTROL
PEAKSET
200Ω
ROUT-
1V
RPEAKSET
MAX3740A
Figure 3. Modulation Circuit


Similar Part No. - MAX3740A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3740A MAXIM-MAX3740A Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740AETG MAXIM-MAX3740AETG Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740AETG++ MAXIM-MAX3740AETG+ Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
More results

Similar Description - MAX3740A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740 MAXIM-MAX3740 Datasheet
818Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
19-2679; Rev 2; 7/03
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3736 MAXIM-MAX3736 Datasheet
341Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
Rev 0; 12/03
MAX3736 MAXIM-MAX3736_V01 Datasheet
315Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
2010
MAX3724-MAX3725 MAXIM-MAX3724-MAX3725 Datasheet
342Kb / 10P
   3.2Gbps SFP Transimpedance Amplifiers with RSSI
Rev 0; 2/04
logo
Optoway Technology Inc
SPS-9380RW-DXXG OPTOWAY-SPS-9380RW-DXXG Datasheet
264Kb / 6P
   3.2Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com