Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3740A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3740A
Description  3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3740A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3740A Datasheet HTML 1Page - Maxim Integrated Products MAX3740A Datasheet HTML 2Page - Maxim Integrated Products MAX3740A Datasheet HTML 3Page - Maxim Integrated Products MAX3740A Datasheet HTML 4Page - Maxim Integrated Products MAX3740A Datasheet HTML 5Page - Maxim Integrated Products MAX3740A Datasheet HTML 6Page - Maxim Integrated Products MAX3740A Datasheet HTML 7Page - Maxim Integrated Products MAX3740A Datasheet HTML 8Page - Maxim Integrated Products MAX3740A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3.2Gbps SFP VCSEL Driver with Diagnostic
Monitors
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.97V to +3.63V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V, TC1 and TC2 are shorted, PEAKSET open, TA =
+25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SAFETY FEATURES (see the Typical Operating Characteristics section)
High-Current Fault Threshold
VBMTH
VBIASMON > VBMTH causes a fault
0.7
0.8
0.9
V
VBIAS Fault Threshold
VBTH
VBIAS referenced to VCC
-0.250
-0.2
-0.150
V
Power-Monitor Fault Threshold
VPMTH
VPWRMON > VPMTH causes a fault
0.7
0.8
0.9
V
TX Disable Time
t_OFF
Time from rising edge of TX_DISABLE to
IBIAS = IBIAS_OFF and IMOD = IMOD_OFF
(Note 6)
1.8
5
µs
TX Disable Negate Time
t_ON
Time from rising edge of TX_DISABLE to
IBIAS and IMOD at 99% of steady state
(Note 6)
55
500
µs
Fault Reset Time
t_INIT1
Time to set VFAULT = low after power-on or
after rising edge of TX_DISABLE (Note 6)
60
200
ms
Power-On Time
t_INIT2
Time after power-on to transmitter-on with
TX_DISABLE low (Note 6)
60
200
ms
Fault Assert Time
t_FAULT
Time from fault occurrence to VFAULT =
high; CFAULT < 20pF, RFAULT = 4.7kΩ
(Note 6)
1.4
50
µs
Fault Delay Time
t_FLTDLY
Time from fault to IBIAS = IBIAS_OFF and
IMOD = IMOD_OFF (Note 6)
15
µs
TX_DISABLE Reset
t_RESET
Time TX_DISABLE must be held high to
reset FAULT (Note 6)
1µs
Note 1: Supply current measurements exclude IBIAS from the total current.
Note 2: Tested with RPEAK = 1.18kΩ.
Note 3: Measured by applying a pattern that contains 20µs of K28.5, followed by 5µs of zeros, then 20µs of K28.5, followed by 5µs
of ones. Data rate is equal to 2.5Gbps, with inputs filtered using 1.8GHz Bessel filters.
Note 4: VBIAS < VCC - 0.7V.
Note 5: Variation of bias monitor gain for any single part over the range of VCC, temperature, 3mA < IBIAS < 15mA.
Note 6: Guaranteed by design and characterization.
Note 7: Measured electrically with a 50Ω load AC-coupled to OUT+.
Note 8: Deterministic jitter is the peak-to-peak deviation from the ideal time crossings measured with a K28.5 bit pattern at 3.2Gbps


Similar Part No. - MAX3740A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3740A MAXIM-MAX3740A Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740AETG MAXIM-MAX3740AETG Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740AETG++ MAXIM-MAX3740AETG+ Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
More results

Similar Description - MAX3740A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3740 MAXIM-MAX3740 Datasheet
818Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
19-2679; Rev 2; 7/03
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3736 MAXIM-MAX3736 Datasheet
341Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
Rev 0; 12/03
MAX3736 MAXIM-MAX3736_V01 Datasheet
315Kb / 11P
   3.2Gbps, Low-Power, Compact, SFP Laser Driver
2010
MAX3724-MAX3725 MAXIM-MAX3724-MAX3725 Datasheet
342Kb / 10P
   3.2Gbps SFP Transimpedance Amplifiers with RSSI
Rev 0; 2/04
logo
Optoway Technology Inc
SPS-9380RW-DXXG OPTOWAY-SPS-9380RW-DXXG Datasheet
264Kb / 6P
   3.2Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com