Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC17529 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC17529
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17529 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC17529 Datasheet HTML 3Page - Motorola, Inc MPC17529 Datasheet HTML 4Page - Motorola, Inc MPC17529 Datasheet HTML 5Page - Motorola, Inc MPC17529 Datasheet HTML 6Page - Motorola, Inc MPC17529 Datasheet HTML 7Page - Motorola, Inc MPC17529 Datasheet HTML 8Page - Motorola, Inc MPC17529 Datasheet HTML 9Page - Motorola, Inc MPC17529 Datasheet HTML 10Page - Motorola, Inc MPC17529 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
17529
7
Timing Diagrams
Figure 2. tPLH, tPHL, and tPZH Timing
Figure 3. Low-Voltage Detection Timing Diagram
Figure 4. Charge Pump Timing Diagram
10%
IN1,
50%
OUTA,
OUTB
IN2,
90%
tPLH
tPHL
OE
tV
DDDET
0%
IM
50%
tV
DDDET
VDDDETon
VDDDEToff
90%
(<1.0
µA)
VDD
0.8 V/
2.5 V/3.5 V
1.5 V
tVGON
VDD
VCRES
11 V
Table 1. Truth Table
INPUT
OUTPUT
OE
IN1A
IN2A
IN1B
IN2B
OUT1A
OUT2A
OUT1B
OUT2B
LL
L
L
L
LH
L
H
L
LL
H
L
H
LH
H
Z
Z
HX
X
Z
Z
H = High.
L = Low.
Z = High impedance.
X = Don’t care.
OE
terminal is pulled up to VDD with internal resistance.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC17529

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17529EV FREESCALE-MPC17529EV Datasheet
431Kb / 12P
   0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
MPC17529EVEL FREESCALE-MPC17529EVEL Datasheet
431Kb / 12P
   0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
More results

Similar Description - MPC17529

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17531A FREESCALE-MPC17531A Datasheet
501Kb / 19P
   700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
17529 FREESCALE-17529 Datasheet
431Kb / 12P
   0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
MPC17531A FREESCALE-MPC17531A_08 Datasheet
641Kb / 20P
   700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
17533 FREESCALE-17533 Datasheet
372Kb / 12P
   0.7 A 6.8 V Dual H-Bridge Motor Driver
logo
NXP Semiconductors
MC34933 NXP-MC34933 Datasheet
822Kb / 17P
   1.4 A Dual H-Bridge Driver Compatible with 3.0 V Logic
Rev. 3.0, 9/2014
logo
Texas Instruments
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com