Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP120T-315DI Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP120T-315DI
Description  Microcontroller Supervisory Circuit with Open Drain Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP120T-315DI Datasheet(HTML) 4 Page - Microchip Technology

  MCP120T-315DI Datasheet HTML 1Page - Microchip Technology MCP120T-315DI Datasheet HTML 2Page - Microchip Technology MCP120T-315DI Datasheet HTML 3Page - Microchip Technology MCP120T-315DI Datasheet HTML 4Page - Microchip Technology MCP120T-315DI Datasheet HTML 5Page - Microchip Technology MCP120T-315DI Datasheet HTML 6Page - Microchip Technology MCP120T-315DI Datasheet HTML 7Page - Microchip Technology MCP120T-315DI Datasheet HTML 8Page - Microchip Technology MCP120T-315DI Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MCP120/130
DS11184D-page 4
 2001 Microchip Technology Inc.
2.0
APPLICATIONS INFORMATION
2.1
The Need for Supervisory Circuits
For many of today’s microcontroller applications, care
must be taken to prevent low power conditions that can
cause many different system problems. The most com-
mon causes are brown-out conditions where the sys-
tem supply drops below the operating level momentar-
ily, and the second, is when a slowly decaying power
supply causes the microcontroller to begin executing
instructions without enough voltage to sustain SRAM
and producing indeterminate results.
Figure 2-1:
Typical Application
2.2
Negative Going VDD Transients
Many system designers implementing POR circuits are
concerned about the minimum pulse width required to
cause a reset. Figure 2-2 shows typical transient
voltage below the trip point (VTRIP - VDD) vs. transient
duration. It shows that the farther below the trip point
the transient pulse goes, the duration of the pulse
required to cause a reset gets shorter. A 0.1
µF bypass
cap mounted as close as possible to the VDD pin pro-
vides additional transient immunity.
Figure 2-2:
Typical Transient Response
Microcontroller
MCLR
VSS
RST
MCP120
or
RESET
VSS
VDD
VDD
Bypass
Capacitor
VDD
TIME
0
0
5V
VTRIP
MAX
VTRIP
MIN
Transient
Duration
(VTRIP
MIN
- VDD)
01
23
VTRIP - VDD (V)
10
8
6
4
2
0
45
TA = +25°C
Transients above the
curve will cause a reset
Transients below
the curve will NOT
cause a reset


Similar Part No. - MCP120T-315DI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120T-315I/TT MICROCHIP-MCP120T-315I/TT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
More results

Similar Description - MCP120T-315DI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP130-450HI MICROCHIP-MCP130-450HI Datasheet
167Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
118 921-5820
MCP130T-315ITT MICROCHIP-MCP130T-315ITT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP809 MICROCHIP-MCP809 Datasheet
320Kb / 14P
   MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
2001
MCP101 MICROCHIP-MCP101 Datasheet
222Kb / 8P
   Microcontroller Supervisory Circuit with Push-Pull Output
1999
MCP100 MICROCHIP-MCP100_01 Datasheet
281Kb / 16P
   Microcontroller Supervisory Circuit with Push-Pull Output
2001
MCP100-450DI-TO MICROCHIP-MCP100-450DI-TO Datasheet
308Kb / 16P
   Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com