Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP120T-450DI Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP120T-450DI
Description  Microcontroller Supervisory Circuit with Open Drain Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP120T-450DI Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP120T-450DI Datasheet HTML 5Page - Microchip Technology MCP120T-450DI Datasheet HTML 6Page - Microchip Technology MCP120T-450DI Datasheet HTML 7Page - Microchip Technology MCP120T-450DI Datasheet HTML 8Page - Microchip Technology MCP120T-450DI Datasheet HTML 9Page - Microchip Technology MCP120T-450DI Datasheet HTML 10Page - Microchip Technology MCP120T-450DI Datasheet HTML 11Page - Microchip Technology MCP120T-450DI Datasheet HTML 12Page - Microchip Technology MCP120T-450DI Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2001 Microchip Technology Inc.
DS11184D-page 9
MCP120/130
8-Lead Plastic Small Outline (SN) – Narrow, 150 mil (SOIC
Foot Angle
φ
0
480
48
15
12
0
15
12
0
β
Mold Draft Angle Bottom
15
12
0
15
12
0
α
Mold Draft Angle Top
0.51
0.42
0.33
.020
.017
.013
B
Lead Width
0.25
0.23
0.20
.010
.009
.008
c
Lead Thickness
0.76
0.62
0.48
.030
.025
.019
L
Foot Length
0.51
0.38
0.25
.020
.015
.010
h
Chamfer Distance
5.00
4.90
4.80
.197
.193
.189
D
Overall Length
3.99
3.91
3.71
.157
.154
.146
E1
Molded Package Width
6.20
6.02
5.79
.244
.237
.228
E
Overall Width
0.25
0.18
0.10
.010
.007
.004
A1
Standoff
§
1.55
1.42
1.32
.061
.056
.052
A2
Molded Package Thickness
1.75
1.55
1.35
.069
.061
.053
A
Overall Height
1.27
.050
p
Pitch
8
8
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
1
D
n
p
B
E
E1
h
L
β
c
45
°
φ
A2
α
A
A1
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-012
Drawing No. C04-057
§ Significant Characteristic


Similar Part No. - MCP120T-450DI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120T-450I/TT MICROCHIP-MCP120T-450I/TT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
More results

Similar Description - MCP120T-450DI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP130-450HI MICROCHIP-MCP130-450HI Datasheet
167Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
118 921-5820
MCP130T-315ITT MICROCHIP-MCP130T-315ITT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP809 MICROCHIP-MCP809 Datasheet
320Kb / 14P
   MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
2001
MCP101 MICROCHIP-MCP101 Datasheet
222Kb / 8P
   Microcontroller Supervisory Circuit with Push-Pull Output
1999
MCP100 MICROCHIP-MCP100_01 Datasheet
281Kb / 16P
   Microcontroller Supervisory Circuit with Push-Pull Output
2001
MCP100-450DI-TO MICROCHIP-MCP100-450DI-TO Datasheet
308Kb / 16P
   Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com