Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP120T-460DI Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP120T-460DI
Description  Microcontroller Supervisory Circuit with Open Drain Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP120T-460DI Datasheet(HTML) 2 Page - Microchip Technology

  MCP120T-460DI Datasheet HTML 1Page - Microchip Technology MCP120T-460DI Datasheet HTML 2Page - Microchip Technology MCP120T-460DI Datasheet HTML 3Page - Microchip Technology MCP120T-460DI Datasheet HTML 4Page - Microchip Technology MCP120T-460DI Datasheet HTML 5Page - Microchip Technology MCP120T-460DI Datasheet HTML 6Page - Microchip Technology MCP120T-460DI Datasheet HTML 7Page - Microchip Technology MCP120T-460DI Datasheet HTML 8Page - Microchip Technology MCP120T-460DI Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
 2001 Microchip Technology Inc.
DS11184D-page 2
MCP120/130
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VDD........................................................................ 7.0V
All inputs and outputs w.r.t. VSS .....-0.6V to VDD +1.0V
Storage temperature .......................... -65°C to +150°C
Ambient temp. with power applied ..... -65°C to +125°C
ESD protection on all pins
..................................... ≥ 2 kV
*Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
DC AND AC CHARACTERISTICS
All parameters apply at the
specified temp and voltage
ranges unless otherwise noted.
VDD = 1.0 - 5.5V
Industrial (I): -40°C to +85°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Operating Voltage Range
VDD
1.0
5.5
V
VDD Value to RESET
VDD
MIN
1.0
——
V
Operating Current
IDD
45
60
µAVDD = 5.5V (no load)
VDD Trip Point
MCP1X0-270
MCP1X0-300
MCP1X0-315
MCP1X0-450
MCP1X0-460
MCP1X0-475
MCP1X0-485
VTRIP
2.55
2.85
3.0
4.25
4.35
4.50
4.60
2.625
2.925
3.075
4.375
4.475
4.625
4.725
2.7
3.0
3.15
4.50
4.60
4.75
4.85
V
RESET Low
Level Output
Voltage
MCP1X0-270
MCP1X0-300
MCP1X0-315
VOL
——
0.4
V
IOL = 3.2 mA,
VDD = VTRIP
MIN
MCP1X0-450
MCP1X0-460
MCP1X0-475
MCP1X0-485
——
0.6
IOL = 8.5 mA,
VDD = VTRIP
MIN
RESET High
Level Output
Voltage
(MCP130 Only)
MCP130-xxx
(All VTRIP
Points)
VOH
VDD-0.7
——
VIOH = 50
µA,VDD > VTRIP
MAX
Pull-up Resistor (MCP130 Only)
5
k
Output Leakage (MCP120 Only)
1
µA
Threshold Hysteresis
VHYS
50
mV
VDD Detect to RESET Inactive
tRPU
150
350
700
ms
VDD Detect to RESET
tRPD
10
µsVDD ramped from VTRIP
MAX
+
250 mV down to VTRIP
MIN -
250 mV
Note:
Typical values are for 25°C and VDD = 5.0V


Similar Part No. - MCP120T-460DI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120T-460I/TT MICROCHIP-MCP120T-460I/TT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
More results

Similar Description - MCP120T-460DI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP130-450HI MICROCHIP-MCP130-450HI Datasheet
167Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
118 921-5820
MCP130T-315ITT MICROCHIP-MCP130T-315ITT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP809 MICROCHIP-MCP809 Datasheet
320Kb / 14P
   MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
2001
MCP101 MICROCHIP-MCP101 Datasheet
222Kb / 8P
   Microcontroller Supervisory Circuit with Push-Pull Output
1999
MCP100 MICROCHIP-MCP100_01 Datasheet
281Kb / 16P
   Microcontroller Supervisory Circuit with Push-Pull Output
2001
MCP100-450DI-TO MICROCHIP-MCP100-450DI-TO Datasheet
308Kb / 16P
   Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com