Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP120T-460FI Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP120T-460FI
Description  Microcontroller Supervisory Circuit with Open Drain Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP120T-460FI Datasheet(HTML) 5 Page - Microchip Technology

  MCP120T-460FI Datasheet HTML 1Page - Microchip Technology MCP120T-460FI Datasheet HTML 2Page - Microchip Technology MCP120T-460FI Datasheet HTML 3Page - Microchip Technology MCP120T-460FI Datasheet HTML 4Page - Microchip Technology MCP120T-460FI Datasheet HTML 5Page - Microchip Technology MCP120T-460FI Datasheet HTML 6Page - Microchip Technology MCP120T-460FI Datasheet HTML 7Page - Microchip Technology MCP120T-460FI Datasheet HTML 8Page - Microchip Technology MCP120T-460FI Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2001 Microchip Technology Inc.
DS11184D-page 5
MCP120/130
2.3
Effect of Temperature on Timeout
Period (tRPU)
The timeout period (tRPU) determines how long the
device remains in the reset condition. This is controlled
by an internal RC timer and is effected by both VDD
and temperature. The graph shown in Figure 2-3
shows typical response for different VDD values and
temperatures.
Figure 2-3:
tRPU vs. Temperature
Figure 2-4:
IDD vs. Temperature
Figure 2-5:
Normalized VTRIP vs. Temperature
Figure 2-6:
VOL vs. IOL
Figure 2-7:
Normalized IOL vs. Temperature
-40
-20
20
60
TEMPERATURE (°C)
600
500
400
300
200
100
80
100
040
700
VDD = 5V
VDD = 4V
VDD = 3V
VDD = 6V
-40
-20
20
60
TEMPERATURE (°C)
50
40
30
20
10
0
80
100
040
60
VDD = 5V
VDD = 3V
VDD = 5.5V
VDD = 4V
-40
-20
20
60
TEMPERATURE (°C)
1.000
0.998
0.996
0.994
0.992
0.997
80
100
040
1.002
* Multiply value at 25°C by this
factor to determine the value at
temperature
02
6
10
500
400
300
200
100
0
12
48
600
700
800
14 16 18 20
VDD = 3.5V
VDD = 1.5V
VDD = 4.5V
VDD = 2.5V
TA = +25°C
IOL (mA)
-40
-20
20
60
TEMPERATURE (°C)
1.2
1.1
1.00
0.9
0.8
0.7
80
100
040
1.3
* Multiply value at 25°C by this
factor to determine the value at
temperature


Similar Part No. - MCP120T-460FI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120T-460I/TT MICROCHIP-MCP120T-460I/TT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
More results

Similar Description - MCP120T-460FI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP120-450DI MICROCHIP-MCP120-450DI Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP120T-450I-TT MICROCHIP-MCP120T-450I-TT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP130-450HI MICROCHIP-MCP130-450HI Datasheet
167Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
118 921-5820
MCP130T-315ITT MICROCHIP-MCP130T-315ITT Datasheet
232Kb / 16P
   Microcontroller Supervisory Circuit with Open Drain Output
01/30/01
MCP809 MICROCHIP-MCP809 Datasheet
320Kb / 14P
   MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
2001
MCP101 MICROCHIP-MCP101 Datasheet
222Kb / 8P
   Microcontroller Supervisory Circuit with Push-Pull Output
1999
MCP100 MICROCHIP-MCP100_01 Datasheet
281Kb / 16P
   Microcontroller Supervisory Circuit with Push-Pull Output
2001
MCP100-450DI-TO MICROCHIP-MCP100-450DI-TO Datasheet
308Kb / 16P
   Microcontroller Supervisory Circuit with Push-Pull Output
08/01/01
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com