Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMP60R190PE Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MMP60R190PE
Description  600V 0.190ohm N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMP60R190PE Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MMP60R190PE Datasheet HTML 1Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 2Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 3Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 4Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 5Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 6Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 7Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 8Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMP60R190PE Datasheet
Jan. 2018 Revision 1.0
MagnaChip Semiconductor Ltd.
3
Parameter
Symbol
Rating
Unit
Note
Drain
– Source voltage
VDSS
600
V
Gate
– Source voltage
VGSS
±30
V
Continuous drain current
ID
20
A
TC=25
oC
12.7
A
TC=100
oC
Pulsed drain current
(1)
IDM
60
A
Power dissipation
PD
154
W
Single - pulse avalanche energy
EAS
420
mJ
MOSFET dv/dt ruggedness
dv/dt
50
V/ns
Diode dv/dt ruggedness
(2)
dv/dt
15
V/ns
Storage temperature
Tstg
-55 ~150
oC
Maximum operating junction
temperature
Tj
150
oC
1)
Pulse width tP limited by Tj,max
2)
ISD ≤ ID, VDS peak ≤ V(BR)DSS
Parameter
Symbol
Value
Unit
Thermal resistance, junction-case max
Rthjc
0.81
oC/W
Thermal resistance, junction-ambient max
Rthja
62.5
oC/W
 Thermal Characteristics
 Absolute Maximum Rating (Tc=25oC unless otherwise specified)


Similar Part No. - MMP60R190PE

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMP60R190P MGCHIP-MMP60R190P Datasheet
1Mb / 10P
   600V 0.19(ohm) N-channel MOSFET
MMP60R190PTH MGCHIP-MMP60R190PTH Datasheet
1Mb / 10P
   600V 0.19(ohm) N-channel MOSFET
logo
Inchange Semiconductor ...
MMP60R190PTH ISC-MMP60R190PTH Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMP60R190PE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com