Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV741P_1808 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV741P_1808
Description  150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV741P_1808 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV741P_1808 Datasheet HTML 14Page - Texas Instruments TLV741P_1808 Datasheet HTML 15Page - Texas Instruments TLV741P_1808 Datasheet HTML 16Page - Texas Instruments TLV741P_1808 Datasheet HTML 17Page - Texas Instruments TLV741P_1808 Datasheet HTML 18Page - Texas Instruments TLV741P_1808 Datasheet HTML 19Page - Texas Instruments TLV741P_1808 Datasheet HTML 20Page - Texas Instruments TLV741P_1808 Datasheet HTML 21Page - Texas Instruments TLV741P_1808 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
(
)
D
IN
OUT
OUT
P
V
V
I
=
-
´
COUT
VOUT
VIN
GND PLANE
CIN
Represents via used for
application-specific connections
IN
GND
EN
NC
OUT
18
TLV741P
SBVS309 – JULY 2017
www.ti.com
Product Folder Links: TLV741P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
11.1.1 Board Layout Recommendations to Improve PSRR and Noise Performance
Input and output capacitors must be placed as close to the device pins as possible. To improve AC performance
(such as PSRR, output noise, and transient response), TI recommends that the board be designed with separate
ground planes for VIN and VOUT, with the ground plane connected only at the device GND pin. In addition, the
output capacitor ground connection must be connected directly to the device GND pin. High-ESR capacitors may
degrade PSRR performance.
11.2 Layout Examples
Figure 28. SOT-23 Layout Example
11.3 Power Dissipation
The ability to remove heat from the die is different for each package type, presenting different considerations in
the printed-circuit-board (PCB) layout. The PCB area around the device that is free of other components moves
the heat from the device to the ambient air. Performance data for JEDEC low- and high-K boards are given in
Thermal Information. Using heavier copper increases the effectiveness in removing heat from the device. The
addition of plated through-holes to heat-dissipating layers also improves the heat sink effectiveness.
Power dissipation depends on input voltage and load conditions. Power dissipation (PD) can be approximated by
the product of the output current times the voltage drop across the output pass element (VIN to VOUT), as shown
in Equation 3:
(3)
Figure 29 shows the maximum ambient temperature versus the power dissipation of the TLV741P device. This
figure assumes the device is soldered on a JEDEC standard, high-K layout with no airflow over the board. Actual
board thermal impedances vary widely. If the application requires high power dissipation, having a thorough
understanding of the board temperature and thermal impedances is helpful to ensure the TLV741P device does
not operate above a junction temperature of 125°C.


Similar Part No. - TLV741P_1808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV741P_1808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com