Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


MP01279 Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part No. MP01279
Description  SAW Filter 456.0MHz
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GOLLEDGE [Golledge Electronics Ltd]
Homepage  http://www.golledge.com
Logo 

   
 3 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
SAW Filter 456.0MHz
Model: TB0492A
Part No: MP01279
REV. NO.: 1
MP01279 v1.0
3
D. Frequency Characteristics :
1. S21 Response
Fig1. Horizontal: 10MHz/Div Vertical: 10dB/Div
2. Pass band Ripple
Fig2. Horizontal: 2MHz/Div Vertical: 1dB/Div




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl