Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCS-3065 Datasheet(PDF) 2 Page - Level One

Part # FCS-3065
Description  Fixed Dome IP Network Camera,
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-3065 Datasheet(HTML) 2 Page - Level One

  FCS-3065_18 Datasheet HTML 1Page - Level One FCS-3065_18 Datasheet HTML 2Page - Level One FCS-3065_18 Datasheet HTML 3Page - Level One FCS-3065_18 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3af Power over Ethernet (PoE)
IEEE 802.1X Network Access Control
TCP, UDP, HTTP, HTTPS, DHCP, PPPoE, RTP, RTSP, IPv6, DNS, DDNS, NTP, ICMP, ARP, IGMP,
SMTP, FTP, UPnP, SNMP, Bonjour
Image Sensor:
5-Megapixel 1/3.2" Progressive Scan CMOS
Lens:
Fixed focal, Fixed iris, Fixed focus, f1.9mm, F2.8
Port:
1 x RJ-45 10/100 Mbps PoE port
1 x MicroSDHC/ MicroSDXC card slot
Button/Knob:
Reset Button
Indicator:
Power
Shutter Time:
1/5 ~ 1/10,000 sec
Angle of View:
126.9° (overview area), 77.4° (high detail area)
Pan/Tilt/Zoom:
Digital Zoom to very high detail available on Software
Video Compression:
H.264 / MJPEG
Resolution:
5M(2592 x 1944)
Output Video Format:
RAW
Power Input:
802.3af PoE
Power Consumption:
PoE Class 1 (IEEE802.3af) / 2.91 W
Data Rate:
10/100Mbps
Storage Capacity:
SD/MicroSD memory card of up to 64GB
Features
General:
Backup: MicroSDHC /MicroSDXC card slot for local storage
Video:
Image Setting: - Adjustable image size, quality and bit rate
- Configurable brightness, sharpness, contrast, saturation, white balance and exposure
- AGC/AWB/AES
- Back Light Compensation (BLC)
- Wide Dynamic Range (WDR), Basic WDR (74 dB)
- 2D Noise Reduction (2DNR)
Streaming: Up to 2 video streams
www.level1.com
Page 2 of 4


Similar Part No. - FCS-3065_18

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3065 LVL1-FCS-3065 Datasheet
595Kb / 4P
   Fixed Dome Network Camera, 5-Megapixel
More results

Similar Description - FCS-3065_18

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3086 LVL1-FCS-3086 Datasheet
689Kb / 5P
   Fixed Dome IP Network Camera
FCS-3053 LVL1-FCS-3053_18 Datasheet
580Kb / 4P
   Fixed Dome IP Network Camera
FCS-3073 LVL1-FCS-3073_18 Datasheet
362Kb / 4P
   Fixed Dome IP Network Camera
FCS-3101 LVL1-FCS-3101_18 Datasheet
472Kb / 4P
   Fixed Dome IP Network Camera
FCS-3307 LVL1-FCS-3307 Datasheet
44Kb / 4P
   Fixed Dome IP Network Camera
FCS-3096 LVL1-FCS-3096 Datasheet
486Kb / 4P
   Fixed Dome IP Network Camera
FCS-3306 LVL1-FCS-3306 Datasheet
270Kb / 3P
   Fixed Dome IP Network Camera
FCS-3084 LVL1-FCS-3084 Datasheet
473Kb / 5P
   Fixed Dome IP Network Camera
FCS-3063 LVL1-FCS-3063_18 Datasheet
723Kb / 5P
   Fixed Dome IP Network Camera
FCS-3072 LVL1-FCS-3072_18 Datasheet
478Kb / 4P
   Fixed Dome IP Network Camera
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com