Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCS-3064 Datasheet(PDF) 3 Page - Level One

Part # FCS-3064
Description  Varifocal Dome IP Network Camera
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-3064 Datasheet(HTML) 3 Page - Level One

  FCS-3064_18 Datasheet HTML 1Page - Level One FCS-3064_18 Datasheet HTML 2Page - Level One FCS-3064_18 Datasheet HTML 3Page - Level One FCS-3064_18 Datasheet HTML 4Page - Level One FCS-3064_18 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Storage Capacity:
SD/MicroSD memory card of up to 64GB
Features
General:
Backup: MicroSDHC /MicroSDXC card slot for local storage
Video:
Image Setting: - Adjustable image size, quality and bit rate
- Configurable brightness, sharpness, contrast, saturation, white balance and exposure
- AGC/AWB/AES
- Back Light Compensation (BLC)
- Wide Dynamic Range (WDR), Basic WDR (74 dB)
- 2D Noise Reduction (2DNR)
Streaming: Up to 2 video streams
Audio:
Streaming: 2-way audio
Input/Output: line input, line output
Performance
Frame Rate (fps):
15 fps at 2592x1944; 15 fps at 2048 x 1536; 30 fps at 1920 x 1080; 30 fps at 1280 x 720; 30 fps at 640 x
480; 15 fps at 320 x 240
Minimum illumination:
Color: 0.1 lux at F1.4
B/W: 0 lux (IR LED on)
Environment
Operating Temperature (°C):
Operating: -10°C ~ 50°C
Operating Humidity (Non-condensing):
Operating: 10% ~ 85%
Installation:
Wall/Ceiling Mount
Physical Specifications
Dimensions (W x D x H mm):
146 x 114 x 146
Weight (g):
538 g
Approval and Compliance
EMI/EMS:
CE, RoHS, FCC, ONVIF, IK09
Environmental Test:
Vandal Resistant IK09-reted
Others
Supported Browsers:
Microsoft Windows 8/7/Vista/XP
www.level1.com
Page 3 of 5


Similar Part No. - FCS-3064_18

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3064 LVL1-FCS-3064 Datasheet
913Kb / 5P
   Fixed Dome Network Camera
More results

Similar Description - FCS-3064_18

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3082 LVL1-FCS-3082_18 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3085 LVL1-FCS-3085 Datasheet
656Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3083 LVL1-FCS-3083_18 Datasheet
953Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3056 LVL1-FCS-3056_18 Datasheet
552Kb / 4P
   Varifocal Dome IP Network Camera
FCS-3055 LVL1-FCS-3055_18 Datasheet
953Kb / 5P
   Varifocal Dome IP Network Camera
FCS-1152 LVL1-FCS-1152_18 Datasheet
464Kb / 4P
   Varifocal IP Network Camera
FCS-1153 LVL1-FCS-1153_18 Datasheet
451Kb / 4P
   Varifocal IP Network Camera, 5-Megapixel
FCS-3065 LVL1-FCS-3065_18 Datasheet
492Kb / 4P
   Fixed Dome IP Network Camera,
FCS-3086 LVL1-FCS-3086 Datasheet
689Kb / 5P
   Fixed Dome IP Network Camera
FCS-3305 LVL1-FCS-3305 Datasheet
245Kb / 3P
   Zoom Dome IP Network Camera
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com