Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX7311 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APX7311
Description  Three-Phase Sine-Wave Brushless DC Motor Cont roller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX7311 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APX7311 Datasheet HTML 7Page - Anpec Electronics Coropration APX7311 Datasheet HTML 8Page - Anpec Electronics Coropration APX7311 Datasheet HTML 9Page - Anpec Electronics Coropration APX7311 Datasheet HTML 10Page - Anpec Electronics Coropration APX7311 Datasheet HTML 11Page - Anpec Electronics Coropration APX7311 Datasheet HTML 12Page - Anpec Electronics Coropration APX7311 Datasheet HTML 13Page - Anpec Electronics Coropration APX7311 Datasheet HTML 14Page - Anpec Electronics Coropration APX7311 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Copy r ig ht
© ANPEC Electronics Corp.
Rev . A. 5 - Jan , 2 0 1 6
APX7 3 1 1
w w w . an p ec. com . t w
1 1
Typica l Ap plica t ion Cir cu it
Note: The low-pass filter to prevent excessive noise from the drive circuit. The recommended value is 10nF and 10K
Ω.
Circuit 2: Voltage Input Speed Control (Vin=12V~24V,VM>100V)
VSP
RESET
FGC
5VREG
VSPLS
FR
HS
VLAL
VLAH
LA_LIM
CT
OSC/R
SS
GND
VLIM
VCC
VIN
4.7 uF
C1
1 nF / 10 nF
330
Rcl
U
X
W
V
Y
Z
SENSE
U
V
W
5VREG
HUM
HVM
HWM
HUP
HVP
HWP
HALL
HALL
HALL
FG
RFG=10K
Pull High
Voltage
H/L
H/L
H/L
H/L
H/L
C5VREG
4.7 uF
2.2nF
2.2 uF
120K
(18KHZ)
D1
IPM
>100 uF
CVM
Hall IC signal
VM
Note
ESD resistor
200


Similar Part No. - APX7311

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
More results

Similar Description - APX7311

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
logo
Toshiba Semiconductor
TB67B054FTG TOSHIBA-TB67B054FTG Datasheet
460Kb / 27P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2017-10-31
TC78B041FNG TOSHIBA-TC78B041FNG Datasheet
664Kb / 44P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2019-4-12
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
logo
Rohm
BD6345FV ROHM-BD6345FV Datasheet
1Mb / 18P
   Three-phase Full-wave DC Brushless Fan Motor Driver
logo
Toshiba Semiconductor
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com