Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9137 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APX9137
Description  High Sensit ivity Hall Effect Sensor Lat ch IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9137 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APX9137 Datasheet HTML 3Page - Anpec Electronics Coropration APX9137 Datasheet HTML 4Page - Anpec Electronics Coropration APX9137 Datasheet HTML 5Page - Anpec Electronics Coropration APX9137 Datasheet HTML 6Page - Anpec Electronics Coropration APX9137 Datasheet HTML 7Page - Anpec Electronics Coropration APX9137 Datasheet HTML 8Page - Anpec Electronics Coropration APX9137 Datasheet HTML 9Page - Anpec Electronics Coropration APX9137 Datasheet HTML 10Page - Anpec Electronics Coropration APX9137 Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 1 - Mar . , 2 0 1 1
APX9 1 3 7
w w w .anpec.com .t w
1 0
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Preheat & Soak
Temperature min (Tsmin)
Temperature max (Tsmax)
Time (Tsmin to Tsmax) (ts)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-120 seconds
Average ramp-up rate
(Tsmax to TP)
3
°C/second max.
3
°C/second max.
Liquidous temperature (TL)
Time at liquidous (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak
package
body
Temperature
(Tp)*
See Classification Temp in table 1
See Classification Temp in table 2
Time (tP)** within 5
°C of the specified
classification temperature (Tc)
20** seconds
30** seconds
Average ramp-down rate (Tp to Tsmax)
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
* Tolerance for peak profile Temperature (Tp) is defined as a supplier minimum and a user maximum.
** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
Cla ssifica t ion Re flow Pr of ile s
Table 1. SnPb Eutectic Process – Classification Temperatures (Tc)
Package
Thickness
Volume mm
3
<350
Volume mm
3
≥350
<2.5 mm
235
°C
220
°C
≥2.5 mm
220
°C
220
°C
Table 2. Pb-free Process – Classification Temperatures (Tc)
Package
Thickness
Volume mm
3
<350
Volume mm
3
350-2000
Volume mm
3
>2000
<1.6 mm
260
°C
260
°C
260
°C
1.6 mm – 2.5 mm
260
°C
250
°C
245
°C
≥2.5 mm
250
°C
245
°C
245
°C
Test item
Method
Description
SOLDERABILITY
JESD-22, B102
5 Sec, 245
°C
HOLT
JESD-22, A108
1000 Hrs, Bias @ Tj=125
°C
PCT
JESD-22, A102
168 Hrs, 100
%RH, 2atm, 121°C
TCT
JESD-22, A104
500 Cycles, -65
°C~150°C
HBM
MIL-STD-883-3015.7
VHBM
≧2KV
MM
JESD-22, A115
VMM
≧200V
Latch-Up
JESD 78
10ms, 1tr
≧100mA
Re lia bilit y Te st Pr og r a m


Similar Part No. - APX9137

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9137A ANPEC-APX9137A Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137AA-TRG ANPEC-APX9137AA-TRG Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137AI-TRG ANPEC-APX9137AI-TRG Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
More results

Similar Description - APX9137

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9137A ANPEC-APX9137A Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9149A ANPEC-APX9149A Datasheet
214Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX9149 ANPEC-APX9149 Datasheet
215Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX285 ANPEC-APX285 Datasheet
224Kb / 12P
   High Sensit ivity Hall IC for FAN Dr iver
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com