Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9137 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APX9137
Description  High Sensit ivity Hall Effect Sensor Lat ch IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9137 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APX9137 Datasheet HTML 1Page - Anpec Electronics Coropration APX9137 Datasheet HTML 2Page - Anpec Electronics Coropration APX9137 Datasheet HTML 3Page - Anpec Electronics Coropration APX9137 Datasheet HTML 4Page - Anpec Electronics Coropration APX9137 Datasheet HTML 5Page - Anpec Electronics Coropration APX9137 Datasheet HTML 6Page - Anpec Electronics Coropration APX9137 Datasheet HTML 7Page - Anpec Electronics Coropration APX9137 Datasheet HTML 8Page - Anpec Electronics Coropration APX9137 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 1 - Mar . , 2 0 1 1
APX9 1 3 7
w w w .anpec.com .t w
3
Re com m e n de d Ope r a t ion Con dit ion s
Symbol
Parameter
Range
Unit
VDD
VDD Supply Voltage
2.2 to 24
V
TA
Operating Ambient Temperature
-40 to 150
oC
TJ
Junction Temperature
-40 to 150
oC
Ele ct r ica l Ch a r a ct e r ist ics (T
A= 2 5 ° C, VDD= 2 4 V, u n l ess ot h er w i se n ot ed )
APX9137
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
VDD Supply Current
VDD=24V, Output Off
-
3
5
mA
VSAT
Output Saturation Voltage
B > Bop, IOUT = 20mA
-
0.2
0.4
V
ILEAK
OUT Pin Leakage Current
B < Brp, VOUT = VDD
-
-
0.1
µA
RPULL
Output Pull-up Resistor
6
-
14
k
M a gn e t ic Ch a r a ct e r ist ics (T
A= 2 5 ° C, VDD= 2 4 V, u n l ess ot h er w i se n ot ed )
APX9137
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Bop
Magnetic Operation Point
10
30
60
Gauss
Brp
Magnetic Release Point
-60
-30
-10
Gauss
Bhys
Magnetic Hysteresis
-
60
-
Gauss
S
N
N
S
Marking Surface
Marking Surface
Bops
Brps
B
V
OUT
Bops
B
V
OUT
Brps
Bops
Brps
S
N
Marking Surface
Marking Surface
S
N
(TO-92M3)
(TO-92M3)
(SOT-23-3)
(SOT-23-3)


Similar Part No. - APX9137

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9137A ANPEC-APX9137A Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137AA-TRG ANPEC-APX9137AA-TRG Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137AI-TRG ANPEC-APX9137AI-TRG Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
More results

Similar Description - APX9137

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9137A ANPEC-APX9137A Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9149A ANPEC-APX9149A Datasheet
214Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX9149 ANPEC-APX9149 Datasheet
215Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX285 ANPEC-APX285 Datasheet
224Kb / 12P
   High Sensit ivity Hall IC for FAN Dr iver
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com