Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9137A Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APX9137A
Description  High Sensit ivity Hall Effect Sensor Lat ch IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9137A Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APX9137A Datasheet HTML 3Page - Anpec Electronics Coropration APX9137A Datasheet HTML 4Page - Anpec Electronics Coropration APX9137A Datasheet HTML 5Page - Anpec Electronics Coropration APX9137A Datasheet HTML 6Page - Anpec Electronics Coropration APX9137A Datasheet HTML 7Page - Anpec Electronics Coropration APX9137A Datasheet HTML 8Page - Anpec Electronics Coropration APX9137A Datasheet HTML 9Page - Anpec Electronics Coropration APX9137A Datasheet HTML 10Page - Anpec Electronics Coropration APX9137A Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 1 - Feb. , 2 0 1 1
APX9 1 3 7 A
w w w .anpec.com .t w
7
Packa ge I n form at ion
SOT-23-3
Note : 1. Dimension D and E1 do not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 10 mil per
side.
e
D
b
e1
SEE
VIEW A
c
L
VIEW A
GAUGE PLANE
SEATING PLANE
Hall element location
1.45
MAX.
0.057
0.051
0.024
0.006
0.009
0.020
0.012
L
0.30
0o
e
e1
E1
E
D
c
b
0.08
0.30
0.60
0.012
8o
0o
8o
0.95 BSC
1.90 BSC
0.22
0.50
0.037 BSC
0.075 BSC
0.003
MIN.
MILLIMETERS
S
Y
M
B
O
L
A1
A2
A
0.00
0.90
SOT-23
MAX.
1.45
0.15
1.30
MIN.
0.000
0.035
INCHES
2.70
3.10
0.106
0.122
2.60
3.00
0.102
0.118
1.40
1.80
0.055
0.071
θ


Similar Part No. - APX9137A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9137AI-PBG ANPEC-APX9137AI-PBG Datasheet
134Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137AI-TRG ANPEC-APX9137AI-TRG Datasheet
134Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
More results

Similar Description - APX9137A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9137 ANPEC-APX9137 Datasheet
134Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9149A ANPEC-APX9149A Datasheet
214Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX9149 ANPEC-APX9149 Datasheet
215Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX285 ANPEC-APX285 Datasheet
224Kb / 12P
   High Sensit ivity Hall IC for FAN Dr iver
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com