Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9149A Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9149A
Description  High Sensit ivity Hall IC for FAN Dr iver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9149A Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9149A Datasheet HTML 1Page - Anpec Electronics Coropration APX9149A Datasheet HTML 2Page - Anpec Electronics Coropration APX9149A Datasheet HTML 3Page - Anpec Electronics Coropration APX9149A Datasheet HTML 4Page - Anpec Electronics Coropration APX9149A Datasheet HTML 5Page - Anpec Electronics Coropration APX9149A Datasheet HTML 6Page - Anpec Electronics Coropration APX9149A Datasheet HTML 7Page - Anpec Electronics Coropration APX9149A Datasheet HTML 8Page - Anpec Electronics Coropration APX9149A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 1 - Oct . , 2 0 1 0
APX9 1 4 9 A
w w w .anpec.com .t w
2
Symbol
Parameter
Rating
Unit
VDD
VDD Pin Supply Voltage
-0.3 to 20
V
VDO, DOB
Output Pin (DO, DOB) Output Voltage
-0.3 to VOUT-CLAMP
V
IOUT
Maximum Output Pin (DO, DOB) Sink Current – Continuous
(Note 2)
Hold
Peak (<100µs)
600
900
1200
mA
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 to 150
oC
TSOR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Ab solu t e M a x im u m Ra t in g s (T
A= 2 5 ° C u n l ess ot h er w i se n ot ed ) ( Not e 1 )
The rm a l Ch ar a ct er ist ics
Symbol
Parameter
Typical Value
Unit
θJA
Thermal Resistance-Junction to Ambient
(Note 3)
TO-92M4
131
oC/W
PD
Power Dissipation, TA = 25°C
950
mW
Note 3 : The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD (max) =(TJ – TA) / θJA; TJ =
150° C. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Note 1 : Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 2 : The maximum continuous current rating should refer recommend operating conditions (V
DD, TA, TJ) to guarantee reliability.
Symbol
Parameter
Range
Unit
VDD
VDD Supply Voltage
2.5 to 16
V
TA
Operating Ambient Temperature
-40 to 105
oC
TJ
Junction Temperature
-40 to 125
oC
Re com m e n de d Ope ra t in g Con dit ion s
Ele ct r ica l Ch ar a ct e r ist ics (T
A=25°C, VDD=12V unless otherwise noted)
APX9149A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD1
VDD=2.5V,Output Open
-
2
4
mA
IDD2
VDD Supply Current
VDD=20V,Output Open
-
2
4
mA
VSAT1
High Power Output Saturation Voltage
VDD=12V, IOUT=300mA
-
210
300
mV
VSAT2
Low Power Output Saturation Voltage
VDD=4V, IOUT=100mA
1050
1250
1450
mV
VSAT3
Start Up Output Saturation Voltage
VDD=2.5V, IOUT=100mA
-
100
200
mV
VTH1
High Side VDD Threshold Voltage
VDD falling
7
7.5
8
V
Vhys
VTH1 Hysteresis
-
-
0.5
V
VTH2
Low Side VDD Threshold Voltage
VDD rising
2.55
2.7
2.85
V
VOUT-CLAMP
DO, DOB Output Clamp Voltage
DO, DOB Pin Off
20
24
28
V
IDOH
DO Pin High Input Current
VDO=12V, B<Brp
-
120
200
µA
IDOBH
DOB Pin High Input Current
VDOB=12V, B>Bop
-
120
200
µA


Similar Part No. - APX9149A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9149 ANPEC-APX9149 Datasheet
215Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX9149EI-PBG ANPEC-APX9149EI-PBG Datasheet
215Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
More results

Similar Description - APX9149A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX284A ANPEC-APX284A Datasheet
180Kb / 11P
   High Sensit ivity Hall IC for FAN Dr iver
APX9149 ANPEC-APX9149 Datasheet
215Kb / 10P
   High Sensit ivity Hall IC for FAN Dr iver
APX285 ANPEC-APX285 Datasheet
224Kb / 12P
   High Sensit ivity Hall IC for FAN Dr iver
APX9137A ANPEC-APX9137A Datasheet
130Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX9137 ANPEC-APX9137 Datasheet
134Kb / 11P
   High Sensit ivity Hall Effect Sensor Lat ch IC
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
logo
Sharp Corporation
LT202A SHARP-LT202A Datasheet
30Kb / 3P
   GaAs Hall IC for Fan Motor
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com