Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9150 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APX9150
Description  Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9150 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APX9150 Datasheet HTML 5Page - Anpec Electronics Coropration APX9150 Datasheet HTML 6Page - Anpec Electronics Coropration APX9150 Datasheet HTML 7Page - Anpec Electronics Coropration APX9150 Datasheet HTML 8Page - Anpec Electronics Coropration APX9150 Datasheet HTML 9Page - Anpec Electronics Coropration APX9150 Datasheet HTML 10Page - Anpec Electronics Coropration APX9150 Datasheet HTML 11Page - Anpec Electronics Coropration APX9150 Datasheet HTML 12Page - Anpec Electronics Coropration APX9150 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 3 - Nov . , 2 0 1 7
APX9 1 5 0
w w w .anpec.com .t w
9
Quick Start and Standby Mode
This IC would enter standby mode when the PWM input
keeps low level for then 66.5m(typ.). In standby mode, it
will shutdown amplifier and FG. In standby mode, the
lock protection function doesn’t work, therefore, starting
fan is unobstructed when releasing standby mode.
66.5ms
(typ.)
disable
enable
enable
PWM
Lock protect
enable (internal)
The APX9150 built in PWM soft-switch output control cir-
cuit to improve the vibration and noise of fan motor
operation. At start-up operation, If the voltage higher than
3.8V or at PWM mode, the APX9150 drive the output driver
by 50% duty square wave to force the fan motor start to
rotate. After several 50% duty square wave outputs, the
internal PWM soft-switch control circuit will be enable to
drive fan motor to improve vibration and noise.
PWM Soft-Switch Function
Bop
Brp
B=0
OUT2
OUT1
FG
Start-up operation
PWM Soft-Stwitch
operation
Fu n ct ion D e scr ip t ion ( Con t .)


Similar Part No. - APX9150

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151CEI-TRG ANPEC-APX9151CEI-TRG Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151S ANPEC-APX9151S Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151SCEI-TRG ANPEC-APX9151SCEI-TRG Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results

Similar Description - APX9150

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9170 ANPEC-APX9170 Datasheet
209Kb / 14P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151 ANPEC-APX9151 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9151S ANPEC-APX9151S Datasheet
221Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com