Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9153 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APX9153
Description  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9153 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APX9153 Datasheet HTML 3Page - Anpec Electronics Coropration APX9153 Datasheet HTML 4Page - Anpec Electronics Coropration APX9153 Datasheet HTML 5Page - Anpec Electronics Coropration APX9153 Datasheet HTML 6Page - Anpec Electronics Coropration APX9153 Datasheet HTML 7Page - Anpec Electronics Coropration APX9153 Datasheet HTML 8Page - Anpec Electronics Coropration APX9153 Datasheet HTML 9Page - Anpec Electronics Coropration APX9153 Datasheet HTML 10Page - Anpec Electronics Coropration APX9153 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Copy r ig ht
© ANPEC Electronics Corp.
Rev . A. 1 - Mar . , 2 0 1 7
w w w .anpec.com .t w
7
APX9 1 5 3
Fu n ct ion D e scr ipt ion
The APX9153 built in a Hall-effect sensor plane to sense
the vertical magnetic flux density (B). There are two out-
put drivers in APX9153 to drive single-phase DC
brushless motor. When the N pole magnetic field close
to the IC marking surface and the magnetic flux density
higher than operate point (Bop), the OUT1 pin output will
turn to HIGH and the OUT2 pin output will turn to LOW.
When the N pole magnetic field far away the IC marking
surface and S pole magnetic field close to the IC marking
surface until the magnetic flux density higher than re-
lease point (Brp), the OUT1 pin output will turn LOW and
the OUT2 pin output will turn HIGH.
Output Switch Principle
S
N
Marking Surface
Marking Surface
Bop
Brp
B
VOUT2
Bop
B
VOUT2
Brp
B
VOUT1
Bop
B
VOUT1
Brp
Bhys
Bhys
Bop
Bop
Brp
Brp
S
N
The APX9153 provides the soft-start function to reduce
vibration at power-on and lock-restart moments. The soft-
start function has four stages 50% 70% 90%
100%. At first the output duty is 50% after 64 FG H-L cycle
times the output duty is change to next stage 70% until
192 FG H-L cycle times the soft-start function will end. If
the voltage higher than 3.2V soft-start function is enable,
else the soft-start function is disable.
Lockup Protection and Automatic Restart
The APX9153 detects the rotation of the motor by internal
hall sensor signal, and adjusts lock detection ON time
(T
ON) and lock detection OFF time (TOFF) by internal counter.
Soft-Start Function
OUT1
OUT2
FG
VCC
OUTPUTDuty50%
OUTPUTDuty70%
OUTPUTDuty90%
OUTPUTFull Duty
FGH-L64cycle
times
FGH-L64cycle
times
FGH-L64cycle
times
Soft-StartFunction
Normal operation
Bop
Brp
B=0
Lock
OUT1
FG
Release Reset
T
OFF
T
ON
OUT2
B=0
Lock
Detection
T
OFF


Similar Part No. - APX9153

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153AQHI-TRG ANPEC-APX9153AQHI-TRG Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results

Similar Description - APX9153

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154 ANPEC-APX9154 Datasheet
236Kb / 15P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172 ANPEC-APX9172_17 Datasheet
193Kb / 13P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172 ANPEC-APX9172 Datasheet
235Kb / 15P
   Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
   Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com