Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


FIN1047 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. FIN1047
Description  3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 2 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500589
www.fairchildsemi.com
June 2001
Revised August 2003
FIN1047
3.3V LVDS 4-Bit Flow-Through
High Speed Differential Driver
General Description
This quad driver is designed for high speed interconnects
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The driver translates LVTTL signal levels to LVDS lev-
els with a typical differential output swing of 350mV which
provides low EMI at ultra low power dissipation even at
high frequencies. This device is ideal for high speed trans-
fer of clock and data.
The FIN1047 can be paired with its companion receiver,
the FIN1048, or any other LVDS receiver.
Features
■ Greater than 400Mbs data rate
■ Flow-through pinout simplifies PCB layout
■ 3.3V power supply operation
■ 0.4 ns maximum differential pulse skew
■ 1.7 ns maximum propagation delay
■ Low power dissipation
■ Power-Off protection
■ Meets or exceeds the TIA/EIA-644 LVDS standard
■ Pin compatible with equivalent RS-422 and LVPECL
devices
■ 16-Lead SOIC and TSSOP packages save space
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Truth Table
H
= HIGH Logic Level L = LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Pin Descriptions
Order Number
Package Number
Package Description
FIN1047M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1047MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Inputs
Outputs
EN
EN
DIN
DOUT+
DOUT−
H
L or OPEN
H
H
L
H
L or OPEN
L
L
H
H
L or OPEN
OPEN
L
H
XHX
Z
Z
L or OPEN
X
X
Z
Z
Pin Name
Description
DIN1, DIN2, DIN3, DIN4
LVTTL Data Inputs
DOUT1+, DOUT2+, DOUT3+, DOUT4+ Non-Inverting
Driver Outputs
DOUT1−, DOUT2−, DOUT3−, DOUT4− Inverting
Driver Outputs
EN
Driver Enable Pin
EN
Inverting Driver
Enable Pin
VCC
Power Supply
GND
Ground




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl