Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3H73113G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB3H73113G
Description  Programmable OmniClock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H73113G Datasheet(HTML) 1 Page - ON Semiconductor

  NB3H73113G Datasheet HTML 1Page - ON Semiconductor NB3H73113G Datasheet HTML 2Page - ON Semiconductor NB3H73113G Datasheet HTML 3Page - ON Semiconductor NB3H73113G Datasheet HTML 4Page - ON Semiconductor NB3H73113G Datasheet HTML 5Page - ON Semiconductor NB3H73113G Datasheet HTML 6Page - ON Semiconductor NB3H73113G Datasheet HTML 7Page - ON Semiconductor NB3H73113G Datasheet HTML 8Page - ON Semiconductor NB3H73113G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2017
March, 2017 − Rev. 0
1
Publication Order Number:
NB3H73113G/D
NB3H73113G
3.3 V / 2.5 V Programmable
OmniClock Generator with
I2C / SMBus Interface
The NB3H73113G, which is a member of the OmniClock family, is
a one−time programmable (OTP), low power PLL−based clock
generator that supports any output frequency from 8 kHz to 200 MHz.
The device accepts fundamental mode parallel resonant crystal or a
single ended (LVCMOS/LVTTL) reference clock as input. It
generates either three single ended (LVCMOS/LVTTL) outputs, or
one
single
ended
output
and
one
dif f erential
(LVPECL/LVDS/HCSL/CML) output. The output signals can be
modulated using the spread spectrum feature of the PLL
(programmable spread spectrum type, deviation and rate) for
applications demanding low electromagnetic interference (EMI).
Individual output enable pins OE[2:0] are available to enable/disable
the outputs. Individual output voltage pins VDDO[2:0] are available
to independently set the output voltage of each output. The device
supports SMBus / I2C interface with SCLK and SDATA signals. Using
the standard protocol, data in the device registers can be modified to
support different configurations. Using the PLL bypass mode, it is
possible to get a copy of the input clock on any or all of the outputs.
The device can be powered down using the Power Down pin (PD#). It
is possible to program the internal input crystal load capacitance and
the output drive current provided by the device. The device also has
automatic gain control (crystal power limiting) circuitry which avoids
the device overdriving the external crystal.
Features
Member of the OmniClock Family of Programmable
Clock Generators
Operating Power Supply: 3.3 V ±10%, 2.5 V ±10%
Supports SMBus / I2C Interface
I/O Standards
Inputs: LVCMOS/LVTTL, Fundamental Mode
Crystal
Outputs: 1.8 V to 3.3 V LVCMOS/LVTTL
Outputs: LVPECL, LVDS, HCSL and CML
3 Programmable Single Ended (LVCMOS/LVTTL)
Outputs from 8 kHz to 200 MHz
1 Programmable Differential Clock Output up to
200 MHz
Input Frequency Range
Crystal: 3 MHz to 50 MHz
Reference Clock: 3 MHz to 200 MHz
Configurable Spread Spectrum Frequency Modulation
Parameters (Type, Deviation, Rate)
Individual Output Enable Pins
Independent Output Voltage Pins
Programmable Internal Crystal Load Capacitors
Programmable Output Drive Current for Single Ended
Outputs
Power Saving Mode through Power Down Pin
Programmable PLL Bypass Mode
Programmable Output Inversion
Programming and Evaluation Kit Available for Field
Programming and Quick Evaluation
Temperature Range −40°C to 85°C
Packaged in 16−pin QFN
These are Pb−Free Devices
Typical Applications
eBooks and Media Players
Smart Wearables, Smart Phones, Portable Medical and
Industrial Equipment
Set Top Boxes, Printers, Digital Cameras and
Camcorders
www.onsemi.com
QFN16
CASE 485AE
MARKING DIAGRAM
See detailed ordering and shipping information on page 23 of
this data sheet.
ORDERING INFORMATION
1
3H73113G
= Specific Device Code
xx
= Specific Program Code (Default
‘00’ for Unprogrammed Part)
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
3H731
13Gxx
ALYW
G
G
(Note: Microdot may be in either location)


Similar Part No. - NB3H73113G

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
NB3H GLENAIR-NB3H Datasheet
58Kb / 1P
   Military Standard Connector Index
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150 ONSEMI-NB3H5150 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
More results

Similar Description - NB3H73113G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V60113G ONSEMI-NB3V60113G Datasheet
268Kb / 20P
   1.8 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H63143G-D ONSEMI-NB3H63143G-D Datasheet
305Kb / 24P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 4
NB3H60113G ONSEMI-NB3H60113G Datasheet
292Kb / 22P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H60113GH3 ONSEMI-NB3H60113GH3 Datasheet
164Kb / 12P
   2.5 V Programmable OmniClock Generator with Differential LVDS Output
March, 2022 ??Rev. 0
NB3V60113GV3 ONSEMI-NB3V60113GV3 Datasheet
91Kb / 7P
   1.8 V 12.288 MHz OmniClock Generator
October, 2016 ??Rev. 0
NB3H60113GH2 ONSEMI-NB3H60113GH2 Datasheet
337Kb / 10P
   3.3 V OmniClock Generator with Single Ended LVCMOS Output
December, 2019 ??Rev. 0
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com