Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3H73113G Datasheet(PDF) 19 Page - ON Semiconductor

Part # NB3H73113G
Description  Programmable OmniClock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H73113G Datasheet(HTML) 19 Page - ON Semiconductor

Back Button NB3H73113G Datasheet HTML 15Page - ON Semiconductor NB3H73113G Datasheet HTML 16Page - ON Semiconductor NB3H73113G Datasheet HTML 17Page - ON Semiconductor NB3H73113G Datasheet HTML 18Page - ON Semiconductor NB3H73113G Datasheet HTML 19Page - ON Semiconductor NB3H73113G Datasheet HTML 20Page - ON Semiconductor NB3H73113G Datasheet HTML 21Page - ON Semiconductor NB3H73113G Datasheet HTML 22Page - ON Semiconductor NB3H73113G Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
NB3H73113G
www.onsemi.com
19
Figure 17. Simplified LVCMOS Output Structure
VDD
Drive Strength
selection
CLKx
Drive Strength
selection
LVDS Interface
Differential signaling like LVDS has inherent advantage
of common mode noise rejection and low noise emission,
and thus a popular choice for clock distribution in systems.
TIA/EIA−644 or LVDS is a standard differential,
point−to−point bus topology that supports fast switching
speeds and has the benefit of low power consumption. The
driver consists of a low swing differential with constant
current of 3.5 mA through the differential pair, and
generates switching output voltage across a 100
W
terminating resistor (externally connected or internal to the
receiver). Power dissipation in LVDS standard ((3.5 mA)2 x
100
W = 1.2 mW) is thus much lower than other differential
signalling standards.
A fan−out LVDS buffer (like ON Semiconductor’s
NB6N1xS and NB6L1xS) can be used as an extension to
provide clock signal to multiple LVDS receivers to drive
multiple point−to−point links to receiving node.
VDDO
Vin
+
_
CLK 1
CLK 0
RT
100
W
+
_
Vout
Iss
Iss
Figure 18. Simplified LVDS Output Structure with Termination


Similar Part No. - NB3H73113G

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
NB3H GLENAIR-NB3H Datasheet
58Kb / 1P
   Military Standard Connector Index
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150 ONSEMI-NB3H5150 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
More results

Similar Description - NB3H73113G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V60113G ONSEMI-NB3V60113G Datasheet
268Kb / 20P
   1.8 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H63143G-D ONSEMI-NB3H63143G-D Datasheet
305Kb / 24P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 4
NB3H60113G ONSEMI-NB3H60113G Datasheet
292Kb / 22P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H60113GH3 ONSEMI-NB3H60113GH3 Datasheet
164Kb / 12P
   2.5 V Programmable OmniClock Generator with Differential LVDS Output
March, 2022 ??Rev. 0
NB3V60113GV3 ONSEMI-NB3V60113GV3 Datasheet
91Kb / 7P
   1.8 V 12.288 MHz OmniClock Generator
October, 2016 ??Rev. 0
NB3H60113GH2 ONSEMI-NB3H60113GH2 Datasheet
337Kb / 10P
   3.3 V OmniClock Generator with Single Ended LVCMOS Output
December, 2019 ??Rev. 0
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com