Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3W800L Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB3W800L
Description  Differential 1:8 HCSLCompatible Push-Pull Clock
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3W800L Datasheet(HTML) 1 Page - ON Semiconductor

  NB3W800L_17 Datasheet HTML 1Page - ON Semiconductor NB3W800L_17 Datasheet HTML 2Page - ON Semiconductor NB3W800L_17 Datasheet HTML 3Page - ON Semiconductor NB3W800L_17 Datasheet HTML 4Page - ON Semiconductor NB3W800L_17 Datasheet HTML 5Page - ON Semiconductor NB3W800L_17 Datasheet HTML 6Page - ON Semiconductor NB3W800L_17 Datasheet HTML 7Page - ON Semiconductor NB3W800L_17 Datasheet HTML 8Page - ON Semiconductor NB3W800L_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2017
February, 2017 − Rev. 3
1
Publication Order Number:
NB3W800L/D
NB3W800L
3.3 V 100/133 MHz
Differential 1:8 HCSL-
Compatible Push-Pull Clock
ZDB/Fanout Buffer for PCIe)
Description
The NB3W800L is a low−power 8−output differential buffer that
meets all the performance requirements of the DB800ZL
specification. The NB3W800L is capable of distributing the reference
clocks for Intel® QuickPath Interconnect (Intel QPI and UPI), PCIe
Gen1/Gen2/Gen3/Gen4, SAS, SATA, and Intel Scalable Memory
Interconnect (Intel SMI) applications. A fixed, internal feedback path
maintains low drift for critical QPI applications.
Features
8 Differential Clock Output Pairs @ 0.7 V
Low−power NMOS Push−pull HCSL Compatible Outputs
Cycle−to−cycle Jitter <50 ps
Output−to−output Skew <50 ps
Input−to−output Delay Variation <100 ps
PCIe Phase Jitter: Gen3 <1.0 ps, Gen4 <0.5 ps RMS
QPI 9.6GT/s 12UI Phase Jitter <0.2 ps RMS
Pseudo−External Fixed Feedback for Lowest Input−to−Output Delay
Individual OE Control; Hardware Control of Each Output
PLL Configurable for PLL Mode or Bypass Mode (Fanout
Operation)
100 MHz or 133 MHz PLL Mode Operation; Supports PCIe, QPI
and UPI Applications
Selectable PLL Bandwidth; Minimizes Jitter Peaking in Downstream
PLL’s
SMBus Programmable Configurations
Spread Spectrum Compatible; Tracks Input Clock Spreading for Low
EMI
These are Pb−Free Devices
Device
Package
Shipping
ORDERING INFORMATION
NB3W800LMNG
QFN48
(Pb−Free)
490 / Tray
CASE 485DP
MARKING
DIAGRAM
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NB3W800L
AWLYYWWG
1
NB3W800L = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
NB3W800LMNTXG
QFN48
(Pb−Free)
2500 / Tape &
Reel
48
1
NB3W800LMNTWG
QFN48
(Pb−Free)
2500 / Tape &
Reel


Similar Part No. - NB3W800L_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W800L ONSEMI-NB3W800L_16 Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
July, 2016 ??Rev. 2
More results

Similar Description - NB3W800L_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W800L ONSEMI-NB3W800L_16 Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
July, 2016 ??Rev. 2
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
logo
Integrated Device Techn...
IDTCV141 IDT-IDTCV141 Datasheet
87Kb / 10P
   1-TO-8 DIFFERENTIAL CLOCK BUFFER
logo
Renesas Technology Corp
CV141 RENESAS-CV141 Datasheet
245Kb / 11P
   1-TO-8 DIFFERENTIAL CLOCK BUFFER
OCTOBER 2005
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
logo
Premier Magnetics, Inc.
PM-SM15 PMI-PM-SM15 Datasheet
50Kb / 1P
   8-PIN SMD PUSH-PULL TRANSFORMERS
logo
ON Semiconductor
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com