Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


NB7NPQ1004M Datasheet(PDF) 7 Page - ON Semiconductor

Part No. NB7NPQ1004M
Description  3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 7 page
background image
NB7NPQ1004M
www.onsemi.com
7
Table 12. TRANSMITTER AC/DC CHARACTERISTICS
VDD = 3.3 V +/− 0.3 V Over operating free−air temperature range (unless otherwise noted)
Parameter
Unit
Max
Typ
Min
Test Conditions
CHANNEL PERFORMANCE
Gp
Peaking gain (Compensation at
5 GHz, relative to 100 MHz,
100 mVp−p sine wave input)
EQx = L
EQx = R
EQx = F
EQx = H
10.9
6.7
8.9
13.1
dB
Variation around typical
−3
+3
dB
GF
Flat Gain (100 MHz, EQx=F)
FGx = L
FGx = R
FGx = F
FGx = H
−3
−1.5
0
+2
dB
Variation around typical
−3
+3
dB
VSW_100M
−1 dB compression point output
swing (100 MHz)
1000
mVppd
VSW_5G
−1 dB compression point output
swing (5 GHz)
750
mVppd
DDNEXT
Differential near−end crosstalk
(Note 6)
100 MHz to 5GHz, Figure 6
−40
dB
Vnoise−input
Input−referred noise (Note 7)
100 MHz to 5 GHz, FGx = 1, EQx = R
Figure 7
0.6
mVRMS
100 MHz to 5 GHz, FGx = 1, EQx = 1
Figure 7
0.5
Vnoise−output
Output−referred noise (Note 7)
100 MHz to 5 GHz, FGx = 1, EQx = R
Figure 7
0.8
mVRMS
100 MHz to 5 GHz, FGx = 1, EQx = 1
Figure 7
1
SIGNAL AND FREQUENCY DETECTORS
Vth_dsm
Low power slumber mode detector
threshold
LFPS signal threshold in Low power
Slumber mode
100
600
mVppd
Vth_am
Active mode detector threshold
Signal threshold in Active and Slumber
mode
45
175
mVppd
6. Measured using a vector network analyzer (VNA) with −15 dbm power level applied to the adjacent input. The VNA detects the signal at the
output of the victim channel. All other inputs and outputs are terminated with 50−W.
7. Guaranteed by design and characterization.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl