Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7NPQ1004M Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB7NPQ1004M
Description  3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7NPQ1004M Datasheet(HTML) 1 Page - ON Semiconductor

  NB7NPQ1004M Datasheet HTML 1Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 2Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 3Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 4Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 5Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 6Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 7Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 8Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2018
June, 2018 − Rev. 0
1
Publication Order Number:
NB7NPQ1004M/D
NB7NPQ1004M
3.3 V USB 3.1 Gen-2
10Gbps Quad Channel /
Dual Port Linear Redriver
Description
The NB7NPQ1004M is a high performance 2−Port linear redriver
designed for USB 3.1 Gen 1 and USB 3.1 Gen 2 applications that
supports both 5 Gbps and 10 Gbps data rates. Signal integrity degrades
from PCB traces, transmission cables, and inter−symbol interference
(ISI). The NB7NPQ1004M compensates for these losses by engaging
varying levels of equalization at the input receiver, and flat gain
amplification on the output transmitter.
The NB7NPQ1004M offers programmable equalization and flat
gain for each independent channel to optimize performance over
various physical mediums.
The NB7NPQ1004M contains an automatic receiver detect function
which will determine whether the output is active. The receiver
detection loop will be active if the corresponding channel’s signal
detector is idle for a period of time. The channel will then move to
Unplug Mode if a load is not detected, or it will return to Low Power
Mode (Slumber mode) due to inactivity.
The NB7NPQ1004M comes in a 3.5 x 9 mm WQFN42 package and
is specified to operate across the entire industrial temperature range,
–40
°C to 85°C.
Features
3.3 V ± 0.3 V Power Supply
5 Gbps & 10 Gbps Serial Link with Linear Amplifier
Device Supports USB 3.1 Gen 1 and USB 3.1 Gen 2 Data Rates
Automatic Receiver Detection
Integrated Input and Output Termination
Pin Adjustable Receiver Equalization and Flat Gain
100−W Differential CML I/O’s
Auto Slumber Mode for Adaptive Power Management
Hot−Plug Capable
ESD Protection ±2 kV HBM
Operating Temperature Range Industrial:
−40
°C to +85°C
Package: WQFN42, 3.5 x 9 mm
This is a Pb−Free Device
Typical Applications
USB3.1 Type−A and Type−C Signal Routing
Mobile Phone and Tablet
Computer, Laptop and Notebook
External Storage Device
Docking Station and Dongle
Active Cable, Back Planes
Gaming Console, Smart T.V.
Device
Package
Shipping
ORDERING INFORMATION
WQFN42
CASE 510AP
MARKING
DIAGRAM
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
NB7N
1004
ALYWG
NB7N1004 = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NB7NPQ1004MMTTWG WQFN42
(Pb−Free)
5000 / Tape
& Reel


Similar Part No. - NB7NPQ1004M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7NPQ1204EM ONSEMI-NB7NPQ1204EM Datasheet
290Kb / 12P
   3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
NB7NPQ1204EMMUTWG ONSEMI-NB7NPQ1204EMMUTWG Datasheet
290Kb / 12P
   3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com