Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGB967360E Datasheet(PDF) 4 Page - celduc-relais

Part # SGB967360E
Description  Two legs Three Phase Solid State Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SGB967360E Datasheet(HTML) 4 Page - celduc-relais

  SGB967360E Datasheet HTML 1Page - celduc-relais SGB967360E Datasheet HTML 2Page - celduc-relais SGB967360E Datasheet HTML 3Page - celduc-relais SGB967360E Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
page 4 /4 F/GB
S/TRI/SGB967360E/B/21/02/2013
SGT HE
Raccordement d'entrée / Control wiring
1
Nombre de fils / Number of wires
2
Modèle de tournevis /
Screwdriver type
Couple de serrage
recommandé
Recommended Torque
Fil rigide
(sans embout)
SOLID
(No ferrule)
0,75 ... 2,5 mm2
AWG18....AWG14
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
Fil rigide
(sans embout)
SOLID
(No ferrule)
0,75 ... 2,5 mm2
AWG18....AWG14
0,75 ... 2,5 mm2
AWG18....AWG14
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
0,75 ... 2,5 mm2
AWG18....AWG14
POZIDRIV 2
M4
N.m
1,2
okpac®
Raccordement de puissance / Power wiring
1
Nombre de fils / Number of wires
2
Modèle de tournevis /
Screwdriver type
Couple de serrage
recommandé
Recommended Torque
Fil rigide
(sans embout)
SOLID
(No ferrule)
1,5 ... 10 mm2
AWG16....AWG8
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
Fil rigide
(sans embout)
SOLID
(No ferrule)
1,5 ... 6 mm2
AWG16....AWG10
1,5 ... 10 mm2
AWG16....AWG8
Fil multibrins
(avec embout)
FINE STRANDED
(With ferrule)
1,5 ... 6 mm2
AWG16....AWG10
POZIDRIV 2
M5
N.m
2
Puissance avec cosses / Power with ring
terminals.
W max = 12,6mm
16 mm
2
(AWG6)
25 mm
2
(AWG4)
35mm
2
(AWG2 /AWG3)
50mm
2
(AWG0 /AWG1)
M5 power connection
M4 control connection
Nouvelles bornes avec rondelles freins
New terminals with washers
TERMINALS
r
e
l
a
i
s
www.celduc.com
celduc
®
®
®
®
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19


Similar Part No. - SGB967360E

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGB963360E CELDUC-SGB963360E Datasheet
323Kb / 4P
   Two legs Three Phase Solid State Relays
SGB965360E CELDUC-SGB965360E Datasheet
332Kb / 4P
   Two legs Three Phase Solid State Relays
More results

Similar Description - SGB967360E

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGB963360E CELDUC-SGB963360E Datasheet
323Kb / 4P
   Two legs Three Phase Solid State Relays
SGB965360E CELDUC-SGB965360E Datasheet
332Kb / 4P
   Two legs Three Phase Solid State Relays
SIT865390 CELDUC-SIT865390 Datasheet
212Kb / 3P
   Three Phase Solid State Relays
SGT962360 CELDUC-SGT962360 Datasheet
96Kb / 2P
   Three Phase Solid State Relays
SGT965360 CELDUC-SGT965360 Datasheet
107Kb / 2P
   Three Phase Solid State Relays
SGT965960E CELDUC-SGT965960E Datasheet
100Kb / 2P
   Three Phase Solid State Relays
SGT765370 CELDUC-SGT765370 Datasheet
96Kb / 2P
   Three Phase Solid State Relays
SVT861394 CELDUC-SVT861394 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
SGT865470E CELDUC-SGT865470E Datasheet
330Kb / 4P
   Three Phase Solid State Relays
SGT967760E CELDUC-SGT967760E Datasheet
307Kb / 4P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com