Electronic Components Datasheet Search
  English  â–Ľ

Delete All
ON OFF


SGB8890200 Datasheet(PDF) 2 Page - celduc-relais

Part No. SGB8890200
Description  Three phase power solid state relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CELDUC [celduc-relais]
Homepage  http://www.celduc-relais.com/uk/index.asp
Logo 

   
 2 page
background image
page 2 / 6 GB/F
S/SGB8890200/A/15/03/2017
cel3pac
®
r
e
l
a
i
s
www.celduc.com
celduc9
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France TĂ©l. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : TĂ©l. +33 (0) 4 77 53 90 19
Output characteristics (at 25°C) / Caractéristiques de sortie (25°C)
Parameter per leg / Paramètre par voie
Operating voltage range / Plage de tension d'utilisation
Conditions
Symbol
Ue
Min
24
Typ.
400
Max
640
Unit
V rms
Peak voltage / Tension crĂŞte
Zero cross level / Niveau de synchronisme
Latching voltage / Tension minimum amorçage
Nominal current / Courant nominal @40°C (AC-51)
(1)
Up
Usync
Ie nom
Ua
Ie AC-51
10
1600
85
V
V
10
V
A rms
Nominal current / Courant nominal @40°C (AC-53)
(1)
Non repetitive overload current / Courant de surcharge
On state voltage drop / Chute directe Ă  l'Ă©tat passant
On state dynamic resistance / RĂ©sistance dynamique
tp=20ms
Ie AC-53
Itsm
@ 25°C
Vt
rt
Output power dissipation (max value) / Puissance dissipée
(max)
Thermal resistance between junction to case (one leg)
RĂ©sistance thermique jonction/semelle (1 voie)
Off state leakage current / Courant de fuite à l'état bloqué
Minimum load current / Courant minimum de charge
Pd
Rthj/c
@Ue typ, 50Hz
Ilk
Iemin
2000
32
2100
2
A rms
A
1
V
mΩ
0,9x1xIe + 0,002 x Ie²
0.25
5
W
K/W
1
mA
mA
Turn on time / Temps de fermeture (cycles)
Turn off time / Temps d'ouverture (cycles)
Operating frequency range / Fréquence utilisation
Off state dv/dt / dv/dt à l'état bloqué
ton max
toff max
F mains
f
dv/dt
Maximum di/dt non repetitive / di/dt max non répétitif
I2t (<10ms)
Conducted immunity level / Immunité conduite
Conducted immunity level / Immunité conduite
di/dt
I2t
IEC/EN61000-4-4 (bursts)
IEC/EN61000-4-5 (surge)
0,5
0,1
500
50-60
400
Hz
V/µs
20000
22000
4kV criterion A
4kV criterion A
50
A/µs
A2s
Short circuit protection / Protection court-circuit (@100kA)
type 2 coordination
Example
Fuse MERSEN type gRC
0,5
(1) : with heatsink see fig 1. / Avec dissipateur voir fig1.
Control characteristics (at 25°C) / Caractéristiques de commande (à 25°C)
Parameter / Paramètre
Symbol
Min
DC
Nom
Max
Unit
Control voltage / Tension de commande
Control current (@Uc ) / Courant de commande
Release voltage / Tension de relachement
Input internal resistor / RĂ©sistance interne
Uc
Ic
4
Uc off
Rc
2
<22
30
Current regulator
V
mA
V
Ω
Reverse voltage / Tension inverse
-Uc
30
V




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl