Electronic Components Datasheet Search
Selected language     English  â–Ľ
Advanced Search

              



Part Name


SGB8890200 Datasheet(PDF) 3 Page - celduc-relais

Part No. SGB8890200
Description  Three phase power solid state relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CELDUC [celduc-relais]
Homepage  http://www.celduc-relais.com/uk/index.asp
Logo 

   
 3 page
background image
page 3 / 6 GB/F
S/SGB8890200/A/15/03/2017
cel3pac
®
r
e
l
a
i
s
www.celduc.com
celduc9
5, Rue Ampère BP30004
42290 SORBIERS - FRANCE
E-mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France TĂ©l. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : TĂ©l. +33 (0) 4 77 53 90 19
Thermal curves and heatsink choice / Courbes thermiques & Choix dissipateur thermique (fig 1.)
General characteristics (at 25°C) / Caractéristiques générales
Symbol
Min
Input to output insulation / Isolement entrée/sortie
Output to case insulation / Isolation sortie/semelle
Ui
Ui
Typ.
Max
4000
4000
VRMS
VRMS
Insulation resistance / RĂ©sistance d'isolement
Rated impulse voltage / Tenue aux tensions de chocs
Protection level / Degré de protection / CEI529
Pollution degree / Degré de pollution
Ri
Uimp
-
1000 (@500VDC)
4000
IP20
2
MΩ
V
Vibration withstand / Vibrations IEC60068-2-6
(2)
Shocks withstand / Tenue aux chocs IEC60068-2-6
Ambient operating temperature /Température de fonctionnement
Storage temperature / Température de stockage
(3)
-
-
Relative humidity / Humidité relative
Weight / Poids
Conformity / Conformité
HR
1,5
30/50
-40 /+85
-40/+125
mm
g
°C
°C
40 to 85
200
EN60947-4-3 (IEC947-4-3)
EN60947-4-2 (IEC947-4-2)
%
g
Conformity (VDE laboratory) / Construit en conformité
Conformity / Conformité
Housing Material / Matière du boitier
EN
UL/CSA
Housing Material / Matière du boitier
Base plate / Semelle
EN 62314
EN60950 / EN60335-1
Pending / en cours
PA 6 UL94VO
EN 60695-2 (VDE approval)
Tin plate Aluminum / Aluminium
(2) : 10-150Hz, double amplitude / 10-150Hz double amplitude
(3) : no icing, no condensation / pas de glace, pas de condensation
Standard celduc heatsinks / Dissipateurs celduc standard:
- WF121000 =1.1-1.2K/W
- WF031x = 0.3K/W
- WF115100 = 0.9K/W
- WF070000 = 0.75K/W
- WF050000 = 0.55K/W




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl