Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS7777 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # QS7777
Description  QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7777 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  QS7777 Datasheet HTML 1Page - Nippon Precision Circuits Inc QS7777 Datasheet HTML 2Page - Nippon Precision Circuits Inc QS7777 Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7777 Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7777 Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7777 Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7777 Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7777 Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7777 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
QS7777PF/CF
NIPPON PRECISION CIRCUITS—5
Noise and THD Characteristics
VCC = 9V, VDD = 5V, Ta = 25°C
AC Characteristics
VCC = 9V, VDD = 5V, Ta = 25°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Bypass noise voltage
N BYP
BYP = AR = AC = HIGH, MO = SPREAD =
L O W , “A”-wgt, FLOUT, RLOUT, FRO U T,
R R O U T, COUT
–1 1
2 2
µ V RMS
QSurround noise voltage (front)
N QSF
BYP = MO = SPREAD = LOW , AR = AC =
HIGH, “A”-wgt, FLOUT, FRO U T
–1 6
3 2
µ V RMS
QSurround noise voltage (rear)
N QSR
BYP = MO = SPREAD = LOW , AR = AC =
HIGH, “A”-wgt, RLOUT, RRO U T
–1 4
2 8
µ V RMS
QSurround mono total har monic
distortion (front)
THD F
MO = HIGH, all other excluding MO =
L O W , all inputs 1VRMS , f = 1kHz, FRO U T,
FLOUT
0.1
%
QSurround mono total har monic
distortion (rear)
THD R
MO = AR = AC = HIGH, BYP = SPREAD =
A E = L OW , all inputs 1VRMS , f = 1kHz,
R R O U T, RLOUT, COUT
0.1
%
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Front maximum input voltage 1
V FIN1
FLIN = FRIN, RLIN = RRIN = CIN = SUBIN
= 0V, BYP = LOW , f = 1kHz
1.4
V RMS
Front maximum input voltage 2
V FIN2
FLIN =
−FRIN, RLIN = RRIN = CIN =
SUBIN = 0V, BYP = LOW , f = 1kHz
0.5
V RMS
Rear maximum input voltage 1
V RIN1
RLIN = RRIN, FLIN = FRIN = CIN = SUBIN
= 0V, BYP = LOW , AR = LOW , f = 1kHz
1.4
V RMS
Rear maximum input voltage 2
V RIN2
RLIN =
−RRIN, FLIN = FRIN = CIN =
SUBIN = 0V, BYP = LOW , AR = LOW ,
f = 1kHz
0.3
V RMS
Center maximum input voltage
V CIN
FLIN = FRIN = RLIN = RRIN = SUBIN =
0 V, BYP = LOW , AC = LOW , f = 1kHz
1.7
V RMS
Sub-w oofer maximum input voltage
V SUBIN
FLIN = FRIN = RLIN = RRIN = CIN = 0V,
f = 1kHz
2.2
V RMS
FIN to FOUT bypass gain
G FFBYP
BYP = HIGH, f = 1kHz, FLIN to FLOUT,
FRIN to FRO U T
−20
2
d B
RIN to ROUT b ypass gain
G RRBYP
BYP = HIGH, AR = HIGH, f = 1kHz,
RLIN to RLOUT, RRIN to RRO U T
−20
2
d B
RIN to FOUT bypass gain
G RFBYP
BYP = HIGH, AR = LOW , f = 1kHz,
RLIN to FLOUT, RRIN to FRO U T
−20
2
d B
CIN to COUT gain
G CC
A C = HIGH, f = 1kHz, CIN to COUT
−20
2
d B
CIN to FOUT gain
G CF
A C = LOW , f = 1kHz, CIN to FLOUT,
CIN to FRO U T
−2.8
−0.8
1.2
d B
SUBIN to FOUT gain
G SUBF
f = 1kHz, SUBIN to FLOUT, SUBIN to
F R OUT
−8
−6
−4dB
FIN to FOUT gain
G FF
SPREAD = HIGH, BYP = LOW , f = 1kHz,
FLIN to FLOUT, FRIN to FRO U T
5.7
7.5
9.5
d B
FIN to FOUT crosstalk gain
G FXF
SPREAD = HIGH, BYP = LOW , f = 1kHz,
FLIN to FRO U T, FRIN to FLOUT
3.7
5.7
7.7
d B
RIN to ROUT gain
G RR
BYP = LOW , AR = HIGH, f = 1kHz,
RLIN to RLOUT, RRIN to RRO U T
2.7
4.7
6.7
d B
RIN to ROUT crosstalk gain
G RXR
BYP = LOW , AR = HIGH, f = 1kHz,
RLIN to RRO U T, RRIN to RLOUT
−1.2
0.8
2.8
d B


Similar Part No. - QS7777

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
QS7779CM NPC-QS7779CM Datasheet
114Kb / 11P
   3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
QS7779PM NPC-QS7779PM Datasheet
114Kb / 11P
   3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
More results

Similar Description - QS7777

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
QS7779PM NPC-QS7779PM Datasheet
114Kb / 11P
   3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
SM5851AF NPC-SM5851AF Datasheet
103Kb / 4P
   DOLBY PROLOGIC DECODER
logo
Sanyo Semicon Device
LV1041M SANYO-LV1041M Datasheet
91Kb / 3P
   Dolby Prologic Decoder
LV1035M SANYO-LV1035M Datasheet
101Kb / 3P
   Dolby ProLogic Decoder
logo
Toshiba Semiconductor
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
logo
Micronas
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
logo
New Japan Radio
NJM2704 NJRC-NJM2704 Datasheet
178Kb / 11P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
NJM2703 NJRC-NJM2703 Datasheet
178Kb / 10P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com