Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP420B Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # SBFP420B
Description  UHF to C Band Low Noise Amplifier, Oscillation Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP420B Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button SBFP420B Datasheet HTML 5Page - Sanyo Semicon Device SBFP420B Datasheet HTML 6Page - Sanyo Semicon Device SBFP420B Datasheet HTML 7Page - Sanyo Semicon Device SBFP420B Datasheet HTML 8Page - Sanyo Semicon Device SBFP420B Datasheet HTML 9Page - Sanyo Semicon Device SBFP420B Datasheet HTML 10Page - Sanyo Semicon Device SBFP420B Datasheet HTML 11Page - Sanyo Semicon Device SBFP420B Datasheet HTML 12Page - Sanyo Semicon Device SBFP420B Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SBFP420B
No.7434-9/15
S Parameters (Common emitter)
VCE=1V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.490
--60.8
32.300
143.6
0.017
69.2
0.815
--31.4
400
0.470
--98.5
23.945
121.3
0.028
58.2
0.614
--50.7
600
0.435
--122.3
17.681
107.8
0.035
56.9
0.479
--61.5
800
0.420
--138.9
13.993
98.9
0.041
55.3
0.393
--69.0
1000
0.417
--150.2
11.344
90.8
0.047
55.0
0.336
--75.1
1200
0.412
--160.0
9.570
85.0
0.053
55.0
0.293
--80.1
1400
0.417
--166.3
8.269
80.1
0.059
54.3
0.266
--84.5
1600
0.412
--172.3
7.233
75.8
0.066
53.9
0.244
--88.9
1800
0.410
--178.8
6.424
71.8
0.073
52.7
0.225
--93.1
2000
0.417
176.8
5.824
67.9
0.079
51.8
0.210
--97.0
2200
0.419
171.5
5.272
63.9
0.086
50.8
0.199
--100.6
2400
0.418
166.5
4.825
60.8
0.092
49.2
0.188
--104.2
2600
0.421
161.5
4.442
57.3
0.100
48.3
0.178
--107.8
2800
0.425
157.3
4.124
54.1
0.107
46.6
0.171
--111.1
3000
0.425
154.8
3.844
50.8
0.113
44.9
0.165
--114.3
3200
0.425
151.5
3.585
47.3
0.121
43.3
0.159
--117.5
3400
0.424
147.2
3.386
44.7
0.127
41.5
0.154
--121.5
3600
0.424
144.1
3.218
41.5
0.135
39.7
0.149
--125.3
3800
0.420
139.7
3.043
38.5
0.141
37.6
0.145
--128.9
4000
0.431
136.5
2.903
35.6
0.149
35.7
0.142
--132.8
4200
0.430
133.8
2.788
32.5
0.155
33.8
0.139
--137.1
4400
0.428
130.6
2.650
29.8
0.162
31.8
0.139
--141.3
4600
0.427
128.0
2.536
26.8
0.169
29.8
0.138
--144.9
4800
0.429
123.3
2.433
23.8
0.176
27.9
0.137
--148.6
5000
0.436
120.6
2.345
21.0
0.183
25.7
0.136
--152.3
5200
0.431
118.4
2.256
17.7
0.189
23.7
0.137
--155.8
5400
0.438
115.7
2.162
15.2
0.196
21.5
0.138
--159.5
5600
0.437
112.6
2.102
12.3
0.203
19.4
0.137
--162.8
5800
0.436
109.0
2.036
10.0
0.210
17.3
0.136
--166.3
6000
0.444
105.5
1.977
6.9
0.216
15.0
0.135
--169.7


Similar Part No. - SBFP420B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420M SANYO-SBFP420M Datasheet
46Kb / 2P
   UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
SBFP420MA SANYO-SBFP420MA Datasheet
79Kb / 14P
   SBFP420MA
More results

Similar Description - SBFP420B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP540B SANYO-SBFP540B Datasheet
71Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
logo
Toshiba Semiconductor
2SC1551 TOSHIBA-2SC1551 Datasheet
269Kb / 5P
   UHF~C Band Low Noise Amplifier Applications
logo
Sanyo Semicon Device
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
   UHF to C Band Low-Noise Amplifier Osc. Applications
logo
Toshiba Semiconductor
2SC3011 TOSHIBA-2SC3011 Datasheet
223Kb / 4P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3098 TOSHIBA-2SC3098 Datasheet
210Kb / 3P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6023-TR-E SANYO-2SC6023-TR-E Datasheet
847Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5490 SANYO-2SC5490 Datasheet
39Kb / 4P
   UHF to S Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com