Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5250CPV120 Datasheet(PDF) 4 Page - Motorola, Inc

Part # SCF5250CPV120
Description  SCF5250 Integrated ColdFire Microprocessor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250CPV120 Datasheet(HTML) 4 Page - Motorola, Inc

  SCF5250CPV120 Datasheet HTML 1Page - Motorola, Inc SCF5250CPV120 Datasheet HTML 2Page - Motorola, Inc SCF5250CPV120 Datasheet HTML 3Page - Motorola, Inc SCF5250CPV120 Datasheet HTML 4Page - Motorola, Inc SCF5250CPV120 Datasheet HTML 5Page - Motorola, Inc SCF5250CPV120 Datasheet HTML 6Page - Motorola, Inc SCF5250CPV120 Datasheet HTML 7Page - Motorola, Inc SCF5250CPV120 Datasheet HTML 8Page - Motorola, Inc SCF5250CPV120 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Introduction
Freescale Semiconductor
4
space, a 16-bit data bus, Output Enable, and Read/Write signals. This interface implements an extended
synchronous protocol that supports bursting operations.
1.2.9
Serial Audio Interfaces
The SC5250 digital audio interface provides three serial Philips IIS/Sony EIAJ interfaces. One interface
is a 4-pin (1 bit clock, 1 word clock, 1 data in, 1 data out), the other two interfaces are 3-pin (1 bit clock,
1 word clock, 1 data in or out). The serial interfaces have no limit on minimum sampling frequency.
Maximum sampling frequency is determined by maximum frequency on bit clock input. This is 1/3 the
frequency of the internal system clock.
1.2.10 IEC958 Digital Audio Interfaces
The SCF5250 has one digital audio input interface, and one digital audio output interface. The single
output carries the consumer “c” channel.
1.2.11 Audio Bus
The audio interfaces connect to an internal bus that carries all audio data. Each receiver places its received
data on the audio bus and each transmitter takes data from the audio bus for transmission. Each transmitter
has a source select register.
In addition to the audio interfaces, there are six CPU accessible registers connected to the audio bus. Three
of these registers allow data reads from the audio bus and allow selection of the audio source. The other
three register provide a write path to the audio bus and can be selected by transmitters as the audio source.
Through these registers, the CPU has access to the audio samples for processing.
Audio can be routed from a receiver to a transmitter without the data being processed by the core so the
audio bus can be used as a digital audio data switch. The audio bus can also be used for audio format
conversion.
1.2.12 CD-ROM Encoder/Decoder
The SCF5250 is capable of processing CD-ROM sectors in hardware. Processing is compliant with
CD-ROM and CD-ROM XA standards.
The CD-ROM decoder performs following functions in hardware:
Sector sync recognition
Descrambling of sectors
Verification of the CRC checksum for Mode 1, Mode 2 Form 1, and Mode 2 Form 2 sectors
Third-layer error correction is not performed
The CD-ROM encoder performs following functions in hardware:
Sector sync recognition
Scrambling of sectors


Similar Part No. - SCF5250CPV120

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SCF5250CPV120 FREESCALE-SCF5250CPV120 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
SCF5250CPV120 NXP-SCF5250CPV120 Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
More results

Similar Description - SCF5250CPV120

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SCF5249 FREESCALE-SCF5249 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF5206ECAB40 FREESCALE-MCF5206ECAB40 Datasheet
271Kb / 2P
   Motorolas ColdFire MCF5206e Integrated Microprocessor
MCF52277 FREESCALE-MCF52277_09 Datasheet
1Mb / 46P
   ColdFire Microprocessor
MCF5206EPB FREESCALE-MCF5206EPB Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
logo
Motorola, Inc
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
   MCF5272 ColdFire Integrated Microprocessor Users Manual
logo
Freescale Semiconductor...
MCF5475EC FREESCALE-MCF5475EC Datasheet
607Kb / 34P
   MCF547x ColdFire Microprocessor
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com