Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8958AL25 Datasheet(PDF) 9 Page - SyncMOS Technologies,Inc

Part # SM8958AL25
Description  8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8958AL25 Datasheet(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM8958AL25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8958AL25 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
September 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
9/25
Ver 1.0 PID 8958A 09/02
SyncMOS Technologies Inc.
SM8958A
Data Bank Control Register (DBANK, $86)
Data bank select enable bit BSE = 1 enables the data bank select function
Data bank select enable bit BSE = 0 disables the data bank select function
BS[3:0] setting will map $040~$07F RAM space to entire 1K byte on-chip RAM space.
Internal RAM Control Register (RCON, $85)
SM8958A has 768 byte on-chip RAM which can be accessed by external memory addressing method only. (By
instruction MOVX). The address space of instruction MOVX @Rn is determined by bit 1 and bit 0 (RAMS1,
RAMS0) of RCON. The default setting of RAMS1, RAMS0 bits is 00 (page0).
The port 0, port2, port3.6 and port3.7 can be used as general purpose I/O pin while port0 is open-drain structure.
System Control Register (SCONF, $BF)
WDR : Watch Dog Timer Reset. When system reset by Watch Dog Timer overflow. WDR will be set to 1, The bit 7 (WDR)
of SCONF is Watch Dog Timer Reset bit. It will be set to 1 when reset signal generated by WDT overflow. User
should check WDR bit whenever un-predicted reset happened.
bit-7
bit-0
Read :
BSE
Unused
Unused
Unused
BS3
BS2
BS1
BS0
Write :
Reset value :
0
*
*
*
0001
bit-7
bit-0
Read :
Unused
Unused
Unused
Unused
Unused
Unused
RAMS1
RAMS0
Write :
Reset value :
*
*****
0
0
RAMS1
RAMS0
MOVX @Ri i=0,1 mapping to expended RAM address
0
0
$0000 ~ $00FF
0
1
$0100 ~ $01FF
1
0
$0200 ~ $02FF
bit-7
bit-0
Read :
WDR
Unused
Unused
UnusedUnusedUnused
OME
ALEI
Write :
Reset value :
0
*****
0
0


Similar Part No. - SM8958AL25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958AL25 SYNCMOS-SM8958AL25 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
More results

Similar Description - SM8958AL25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com