Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S03RPM Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1S03RPM
Description  1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03RPM Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1S03RPM Datasheet HTML 3Page - STMicroelectronics ST1S03RPM Datasheet HTML 4Page - STMicroelectronics ST1S03RPM Datasheet HTML 5Page - STMicroelectronics ST1S03RPM Datasheet HTML 6Page - STMicroelectronics ST1S03RPM Datasheet HTML 7Page - STMicroelectronics ST1S03RPM Datasheet HTML 8Page - STMicroelectronics ST1S03RPM Datasheet HTML 9Page - STMicroelectronics ST1S03RPM Datasheet HTML 10Page - STMicroelectronics ST1S03RPM Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ST1S03
8/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.00
31.5
39.4
A1
0
0.05
0.0
2.0
A2
0.65
0.75
25.6
29.5
A3
0.20
7.9
b
0.33
0.43
13.0
16.9
D
2.90
3.00
3.10
114.2
118.1
122.0
D2
1.92
2.12
75.6
83.5
E
2.90
3.00
3.10
114.2
118.1
122.0
E2
1.11
1.31
43.7
51.6
e0.95
37.4
L
0.20
0.45
7.9
17.7
L1
0.24
9.4
L2
0.13
5.1
K
0.20
7.9
DFN6 (3x3) MECHANICAL DATA
7387339A


Similar Part No. - ST1S03RPM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
342Kb / 17P
   1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
ST1S03 STMICROELECTRONICS-ST1S03 Datasheet
346Kb / 17P
   1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
   1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
ST1S03AIPMR STMICROELECTRONICS-ST1S03AIPMR Datasheet
280Kb / 14P
   1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
More results

Similar Description - ST1S03RPM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03PMR STMICROELECTRONICS-ST1S03PMR Datasheet
346Kb / 17P
   1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
ST1S03 STMICROELECTRONICS-ST1S03_07 Datasheet
342Kb / 17P
   1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
   1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
ST1S06 STMICROELECTRONICS-ST1S06 Datasheet
502Kb / 19P
   Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com