Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G132DCUTE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74LVC2G132DCUTE4
Description  DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC2G132DCUTE4 Datasheet(HTML) 4 Page - Texas Instruments

  74LVC2G132DCUTE4 Datasheet HTML 1Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 2Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 3Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 4Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 5Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 6Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 7Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 8Page - Texas Instruments 74LVC2G132DCUTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
Electrical Characteristics
SN74LVC2G132
DUAL 2-INPUT NAND GATE
WITH SCHMITT-TRIGGER INPUTS
SCES547A – FEBRUARY 2004 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
1.65 V
0.79
1.16
2.3 V
1.11
1.56
VT+
Positive-going
3 V
1.5
1.87
V
input threshold voltage
4.5 V
2.16
2.74
5.5 V
2.61
3.33
1.65 V
0.39
0.62
2.3 V
0.58
0.87
VT–
Negative-going
3 V
0.84
1.14
V
input threshold voltage
4.5 V
1.41
1.79
5.5 V
1.87
2.29
1.65 V
0.37
0.62
2.3 V
0.48
0.77
∆V
T
Hysteresis
3 V
0.56
0.87
V
(VT+ – VT–)
4.5 V
0.71
1.04
5.5 V
0.71
1.11
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
A or B inputs
VI = 5.5 V or GND
1.65 V to 5.5 V
±1
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
ICC
VI = VCC or GND,
IO = 0
1.65 V to 5.5 V
10
µA
∆I
CC
One input at VCC – 0.6 V, Other inputs at VCC or GND
3 V to 5.5 V
500
µA
Ci
VI = VCC or GND
3.3 V
3.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
4


Similar Part No. - 74LVC2G132DCUTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC2G132DCUTE4 TI1-74LVC2G132DCUTE4 Datasheet
946Kb / 18P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
More results

Similar Description - 74LVC2G132DCUTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_16 Datasheet
946Kb / 18P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
SN74LVC2G132 TI-SN74LVC2G132_07 Datasheet
426Kb / 14P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
NC7WZ132 ONSEMI-NC7WZ132 Datasheet
578Kb / 12P
   UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March 2008 Rev. 1.11.0
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Unisonic Technologies
U74LVC1G132 UTC-U74LVC1G132 Datasheet
180Kb / 6P
   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC1G132 TI-SN74LVC1G132_07 Datasheet
468Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G132 TI-SN74LVC1G132 Datasheet
270Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com