Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89208V Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89208V
Description  3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89208V Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY89208V Datasheet HTML 1Page - Micrel Semiconductor SY89208V Datasheet HTML 2Page - Micrel Semiconductor SY89208V Datasheet HTML 3Page - Micrel Semiconductor SY89208V Datasheet HTML 4Page - Micrel Semiconductor SY89208V Datasheet HTML 5Page - Micrel Semiconductor SY89208V Datasheet HTML 6Page - Micrel Semiconductor SY89208V Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Precision Edge™
SY89208V
Micrel
LVPECL OUTPUT INTERFACE APPLICATIONS
ZO = 50Ω
R2
R1
R1
R2
R3
R4
VCC —2V
VCC —1.3V
VCC
VCC
VCC
VCC
VCC = 3.3V; R1 = 130Ω, R2 = 82Ω, R3 = 1kΩ, R4 = 1.6kΩ,
VCC = 5V; R1 = 83Ω, R2 = 125Ω, R3 = 1kΩ, R4 = 2.8kΩ,
Figure 1c. Terminating Unused I/O
R2
R2
ZO = 50Ω
ZO = 50Ω
R1
R1
VCC —2V
VCC
VCC
VCC
VCC = 3.3V; R1 = 130Ω, R2 = 82Ω
VCC = 5V; R1 = 83Ω, R2 = 125Ω
Figure 1a. Parallel Thevenin-Equivalent
Termination
ZO = 50Ω
ZO = 50Ω
Rpd
50
50
C (Optional)
0.01
µF
VCC —2V
VCC
VCC
VCC = 3.3V; Rpd = 50Ω
VCC = 5V; Rpd = 100Ω
Figure 1b. Three Resistor
“Y Termination”


Similar Part No. - SY89208V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208VMGTR MICREL-SY89208VMGTR Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208VMITR MICREL-SY89208VMITR Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
More results

Similar Description - SY89208V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Arizona Microtek, Inc
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
AZ10EL58 AZM-AZ10EL58 Datasheet
73Kb / 6P
   ECL/PECL 2:1 Multiplexer
AZ100LVEL58 AZM-AZ100LVEL58 Datasheet
74Kb / 6P
   ECL/PECL 2:1 Multiplexer
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com