Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSO1160 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TDSO1160
Description  Standard 7- Segment Display 7 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSO1160 Datasheet(HTML) 8 Page - Vishay Siliconix

  TDSO1160 Datasheet HTML 1Page - Vishay Siliconix TDSO1160 Datasheet HTML 2Page - Vishay Siliconix TDSO1160 Datasheet HTML 3Page - Vishay Siliconix TDSO1160 Datasheet HTML 4Page - Vishay Siliconix TDSO1160 Datasheet HTML 5Page - Vishay Siliconix TDSO1160 Datasheet HTML 6Page - Vishay Siliconix TDSO1160 Datasheet HTML 7Page - Vishay Siliconix TDSO1160 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.vishay.com
8
Document Number 83124
Rev. 1.4, 31-Aug-04
VISHAY
TDSG / O / Y11..
Vishay Semiconductors


Similar Part No. - TDSO1160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1160 VISHAY-TDSO1160 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSO1160 VISHAY-TDSO1160 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSO1160 VISHAY-TDSO1160 Datasheet
166Kb / 12P
   Standard 7-Segment Display 7 mms
01-Jan-2022
TDSO1160 VISHAY-TDSO1160 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSO1160-KL VISHAY-TDSO1160-KL Datasheet
166Kb / 12P
   Standard 7-Segment Display 7 mms
01-Jan-2022
More results

Similar Description - TDSO1160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSR515 VISHAY-TDSR515_00 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com