Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH7888AVRHRB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TH7888AVRHRB
Description  AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH7888AVRHRB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TH7888AVRHRB Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7888AVRHRB Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7888AVRHRB Datasheet HTML 9Page - List of Unclassifed Manufacturers TH7888AVRHRB Datasheet HTML 10Page - List of Unclassifed Manufacturers TH7888AVRHRB Datasheet HTML 11Page - List of Unclassifed Manufacturers TH7888AVRHRB Datasheet HTML 12Page - List of Unclassifed Manufacturers TH7888AVRHRB Datasheet HTML 13Page - List of Unclassifed Manufacturers TH7888AVRHRB Datasheet HTML 14Page - List of Unclassifed Manufacturers TH7888AVRHRB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ELECTROOPTICAL PERFORMANCE
• General conditions :
Temp = 25°C (package back temperature)
Light source : 2854K with 2 mm BG38 filter (unless specified) + F/3.5 optical aperture .
30 images per second mode (unless specified)
Typical operating conditions.
• Readout mode : 2 outputs
• Values exclude dummy elements and blemishes.
PARAMETER
SYMBOL
VALUE
UNIT
REMARKS
Min.
TYP.
Max.
Output register saturation level
VSAT reg
2.3
2.6
V
Pixel saturation level
VSAT
1.6
1.9
2.2
V
Note 1
Pixel saturation charge (electron per pixel)
QSAT
270
320
370
ke-
Responsivity at 640 nm
Responsivity with BG38 filter
R
6.5
11
V/µJ/cm²
mV/lux
Quantum efficiency at 640 nm
QE
15
%
see fig.15
Photo response non uniformity (1
s)
PRNU
1.3
1.7
% VOS
Dark signal non uniformity (1
s)
DSNU
0.28
0.4
mV
Note 2
Average dark signal
VDS
2
3
mV
Note 3
4
5.6
mV
Note 4
Temporal RMS noise in darkness (Last line)
VN
200
µV
Note 5
Dynamic range
D
80
dB
Note 6
Horizontal modulation transfer function at 500 nm
MTF
70
%
Note 7
Vertical charge transfer inefficiency
VCTI
2.10-5
Note 8
Horizontal charge transfer inefficiency
HCTI
7.10-5
Note 9
Note 1 : Pixel saturation (full well) as a function of vertical transfer frequency (see figure 12) and antiblooming
Note 1 : adjustment (see figure13).
Note 2 : After subtraction of dark signal slope due to memory readout time
Note 3 : First line level referenced from inactive prescan elements (12 samples)
Note 4 : Last line level referenced from inactive prescan elements (12 samples)
Note 5 : Measured with Correlated Double Sampling (CDS) including 160 µV readout noise and dark current noise
Note 5 : in the general test conditions.
Note 6 : Saturation to RMS noise in darkness ratio.
Note 7 : At Nyquist frequency.
Note 8 : VSAT / 2 measurement and 1.25 MHz vertical transfer frequency.
Note 9 : VSAT / 2 measurement and 20 MHz horizontal transfer frequency.
11/16
TH7888A


Similar Part No. - TH7888AVRHRB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7888AVRHRB ATMEL-TH7888AVRHRB Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
More results

Similar Description - TH7888AVRHRB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
ATMEL Corporation
TH7804A ATMEL-TH7804A Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
logo
NEC
UPD795 NEC-UPD795 Datasheet
233Kb / 7P
   1024 - BIT CCD IMAGE SENSOR
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
logo
List of Unclassifed Man...
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
   1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
logo
ON Semiconductor
KAE-01093 ONSEMI-KAE-01093 Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com