Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U62H256ASK35 Datasheet(PDF) 7 Page - Zentrum Mikroelektronik Dresden AG

Part # U62H256ASK35
Description  AUTOMOTIVE FAST 32K X 8 SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U62H256ASK35 Datasheet(HTML) 7 Page - Zentrum Mikroelektronik Dresden AG

Back Button U62H256ASK35 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
April 20, 2004
U62H256A
Capacitance
Conditions
Symbol
Min.
Max.
Unit
Input Capacitance
VCC
VI
f
Ta
= 5.0 V
= VSS
= 1 MHz
= 25
°C
CI
7pF
Output Capacitance
Co
7pF
All pins not under test must be connected with ground by capacitors.
Date of manufacture
(The first 2 digits indicating
the year, and the last 2
digits the calendar week.)
Leadfree Green Package
Product specification
Assembly location and
trace code
Internal Code
Ordering Code
Device Marking (example)
ZMD
U62H256ASK
35LL C 0425
1 ZZ
G1
Access Time
35 = 35 ns
55 = 55 ns
LL
S
35
K
U62H256A
Type
Package
S = SOP28 (300 mil)
S2 = SOP28 (330 mil) Type 2
Operating Temperature Range
K = -40 to 85 °C
A = -40 to 125 °C
Leadfree Option
blank = Standard Package
G1
= Leadfree Green Package f
Power Consumption
blank = Standard (only A-Type)
LL
= Very Low Power (only K-Type)
f on special request
Example


Similar Part No. - U62H256ASK35

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62H64 ZMD-U62H64 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35 ZMD-U62H64SA35 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35G1 ZMD-U62H64SA35G1 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35L ZMD-U62H64SA35L Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35LG1 ZMD-U62H64SA35LG1 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
More results

Similar Description - U62H256ASK35

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
UL62H256A ZMD-UL62H256A Datasheet
161Kb / 10P
   Low Voltage Automotive Fast 32K x 8 SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
U62H64 ZMD-U62H64 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com