Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U62H256ASK35LL Datasheet(PDF) 4 Page - Zentrum Mikroelektronik Dresden AG

Part # U62H256ASK35LL
Description  AUTOMOTIVE FAST 32K X 8 SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U62H256ASK35LL Datasheet(HTML) 4 Page - Zentrum Mikroelektronik Dresden AG

  U62H256ASK35LL Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35LL Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35LL Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35LL Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35LL Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35LL Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35LL Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35LL Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U62H256ASK35LL Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
April 20, 2004
U62H256A
Electrical Characteristics
Symbol
Conditions
Min.
Max.
Unit
Supply Current - Operating Mode
Supply Current - Standby Mode
(CMOS level)
Supply Current - Standby Mode
(TTL level)
ICC(OP)
ICC(SB)
ICC(SB)1
VCC
VIL
VIH
tcW
tcW
VCC
VE
K-Type
A-Type
VCC
VE
= 5.5 V
= 0.8 V
=2.2 V
= 35 ns
= 55 ns
=5.5 V
= VCC - 0.2 V
= 5.5 V
= 2.2 V
90
70
10
50
1
mA
mA
µA
µA
mA
Output High Voltage
Output Low Voltage
VOH
VOL
VCC
IOH
VCC
IOL
= 4.5 V
= -4.0 mA
=4.5 V
=8.0 mA
2.4
0.4
V
V
Input High Leakage Current
Input Low Leakage Current
IIH
IIL
VCC
VIH
VCC
VIL
= 5.5 V
= 5.5 V
= 5.5 V
=
0 V
-2
2µA
µA
Output High Current
Output Low Current
IOH
IOL
VCC
VOH
VCC
VOL
=4.5 V
=2.4 V
=4.5 V
=0.4 V
8
-4
mA
mA
Output Leakage Current
High at Three-State Outputs
Low at Three-State Outputs
IOHZ
IOLZ
VCC
VOH
VCC
VOL
=5.5 V
=5.5 V
=5.5 V
=0 V
-2
2µA
µA


Similar Part No. - U62H256ASK35LL

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62H64 ZMD-U62H64 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35 ZMD-U62H64SA35 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35G1 ZMD-U62H64SA35G1 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35L ZMD-U62H64SA35L Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
U62H64SA35LG1 ZMD-U62H64SA35LG1 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
More results

Similar Description - U62H256ASK35LL

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
UL62H256A ZMD-UL62H256A Datasheet
161Kb / 10P
   Low Voltage Automotive Fast 32K x 8 SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
U62H64 ZMD-U62H64 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com