Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1647 Datasheet(PDF) 2 Page - NEC

Part # 2SA1647
Description  SILICON POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1647 Datasheet(HTML) 2 Page - NEC

  2SA1647 Datasheet HTML 1Page - NEC 2SA1647 Datasheet HTML 2Page - NEC 2SA1647 Datasheet HTML 3Page - NEC 2SA1647 Datasheet HTML 4Page - NEC 2SA1647 Datasheet HTML 5Page - NEC 2SA1647 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D14839EJ2V0DDS
2
2SA1647, 2SA1647-Z
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to emitter voltage
VCEO(SUS)
IC =
−2.5 A, IB = −0.25 A, L = 1 mH
−100
V
Collector to emitter voltage
VCEX(SUS)
IC =
−2.5 A, IB1 = −IB2 = −0.25 A,
VBE(OFF) = 1.5 V, L = 180
µH, clamped
−100
V
Collector cutoff current
ICBO
VCB =
−100 V, IE = 0
−10
µA
Collector cutoff current
ICER
VCE =
−100 V, RBE = 50 Ω, TA = 125 °C
−1.0
mA
Collector cutoff current
ICEX1
VCE =
−100 V, VBE(OFF) = 1.5 V
−10
µA
Collector cutoff current
ICEX2
VCE =
−100 V, VBE(OFF) = 1.5 V,
TA = 125
°C
−1.0
mA
Emitter cutoff current
IEBO
VEB(OFF) =
−5.0 V, IC = 0
−10
µA
DC current gain
hFE1*
VCE =
−2.0 V, IC = −0.5 A
100
DC current gain
hFE2*
VCE =
−2.0 V, IC = −1.0 A
100
400
DC current gain
hFE3*
VCE =
−2.0 V, IC = −3.0 A
60
Collector saturation voltage
VCE(sat)1*
IC =
−3.0 A, IB = −0.15 A
−0.3
V
Collector saturation voltage
VCE(sat)2*
IC =
−4.0 A, IB = −0.2 A
−0.5
V
Base saturation voltage
VBE(sat)1*
IC =
−3.0 A, IB = −0.15 A
−1.2
V
Base saturation voltage
VBE(sat)2*
IC =
−4.0 A, IB = −0.2 A
−1.5
V
Collector capacitance
Cob
VCB =
−10 V, IE = 0, f = 1.0 MHz
110
pF
Gain bandwidth product
fT
VCE =
−10 V, IC = 0.5 A
90
MHz
Turn-on time
ton
0.3
µs
Storage time
tstg
1.5
µs
Fall time
tf
IC =
−3.0 A, RL = 17 Ω,
IB1 =
−IB2 = −0.15 A, VCC ≅ −50 V
Refer to the test circuit.
0.4
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%/Pulsed
hFE CLASSIFICATION
Marking
M
L
K
hFE2
100 to 200
150 to 300
200 to 400
SWITCHING TIME TEST CIRCUIT
Base current
waveform
Collector current
waveform


Similar Part No. - 2SA1647

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA1647 RENESAS-2SA1647 Datasheet
374Kb / 7P
   SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SA1647 ISC-2SA1647 Datasheet
306Kb / 3P
   isc Silicon PNP Power Transistor
logo
Renesas Technology Corp
2SA1647-Z RENESAS-2SA1647-Z Datasheet
374Kb / 7P
   SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SA1647-Z ISC-2SA1647-Z Datasheet
244Kb / 2P
   isc Silicon PNP Power Transistor
logo
Renesas Technology Corp
2SA1647 RENESAS-2SA1647_15 Datasheet
374Kb / 7P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results

Similar Description - 2SA1647

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
   SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SB1669 RENESAS-2SB1669_15 Datasheet
262Kb / 8P
   SILICON POWER TRANSISTOR
2SC2334 RENESAS-2SC2334_15 Datasheet
239Kb / 8P
   SILICON POWER TRANSISTOR
2SD2162 RENESAS-2SD2162_15 Datasheet
235Kb / 8P
   SILICON POWER TRANSISTOR
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
   Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
   Silicon Power Transistor
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
   SILICON POWER TRANSISTOR
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
   SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
   SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
   SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
   SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com