Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF150 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IRF150
Description  50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRF150 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IRF150 Datasheet HTML 1Page - List of Unclassifed Manufacturers IRF150 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER SOLUTION - NIKKOHM
50W to 500W HIGH POWER WIRE WOUND RESISTORS
FLAT SHAPED ALUMINUM HOUSED
IRN50-IRN150
IRF150-IRF500
Features and Applications
Dimensions (mm)
Type
A
B
C
D
E
F
G dia.
Weight(g)
IRN 50
70+/-1
60+/-0.3
10
50+/-0.3
50+/-0.3
-
4-5.3 dia.
100
IRN100
120+/-1
60+/-0.3
10
50+/-0.3
100+/-0.3
-
4-5.3 dia.
160
IRN150
170+/-1
60+/-0.3
10
50+/-0.3
150+/-0.3
-
4-5.3 dia.
220
IRF100
90+/-1
80+/-0.3
10
70+/-0.3
70+/-0.3
-
4-5.3 dia.
155
IRF150
120+/-1
80+/-0.3
10
70+/-0.3
100+/-0.3
-
4-5.3 dia.
200
IRF200
150+/-1
80+/-0.3
10
70+/-0.3
130+/-0.3
-
4-5.3 dia.
245
IRF250
180+/-1
80+/-0.3
10
70+/-0.3
160+/-0.3
-
4-5.3 dia.
290
IRF300
210+/-1
80+/-0.3
10
70+/-0.3
190+/-0.3
95
6-5.3 dia.
335
IRF400
270+/-1
80+/-0.3
10
70+/-0.3
250+/-0.3
125
6-5.3 dia.
430
IRF500
330+/-1
80+/-0.3
10
70+/-0.3
310+/-0.3
155
6-5.3 dia.
525
Non-inductive, flat shaped aluminum housed wire wound fixed resistors with 50W to 500W..
Minimum resistance of 1ohm, +/-0.5% tolerance available.
10mm thickness allows excellent heat extrusion from resistor.
Narrower body (IRN) will be suitable for high density installation.
Light weight silicone filled insulation and higher temperature operating cement filled
insulation are prepared.
Strong over load characteristics are fit for applications of industrial power electronics,
switching power supplies, braking resistors for motor control electronics, rush current
protection in automotive electronics, industrial power supplies.
D B
G
300+/-10
F
F
E
C
A


Similar Part No. - IRF150

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF150 SAMSUNG-IRF150 Datasheet
210Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF150 SEME-LAB-IRF150 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF150 FAIRCHILD-IRF150 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
Intersil Corporation
IRF150 INTERSIL-IRF150 Datasheet
57Kb / 7P
   40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
More results

Similar Description - IRF150

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HR-10 RIEDON-HR-10 Datasheet
208Kb / 2P
   Aluminum Housed Power Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
logo
Token Electronics Indus...
AHS10R51A5 TOKEN-AHS10R51A5 Datasheet
427Kb / 7P
   AH Aluminum Housed Power Resistors
logo
Riedon Powertron
UAL RIEDON-UAL Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
logo
RCD COMPONENTS INC.
610-XR01 RCD-610-XR01 Datasheet
249Kb / 1P
   ALUMINUM HOUSED RESISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com